Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7F0C902B2 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R7F0C902B2
Description  True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F0C902B2 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R7F0C902B2 Datasheet HTML 35Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 36Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 37Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 38Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 39Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 40Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 41Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 42Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
R7F0C901B2, R7F0C902B2
25. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 39 of 87
R01DS0236EJ0100 Rev.1.00
Jun 24, 2014
(TA =
40 to +85C, 1.6 V  VDD  5.5 V, VSS = 0 V) (3/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
P00, P01, P10 to P17, P30, P31,
P40, P50, P51, P70, P120, P147
Normal input buffer
0.8VDD
VDD
V
TTL input buffer
4.0 V
 VDD  5.5 V
2.2
VDD
V
TTL input buffer
3.3 V
 VDD  4.0 V
2.0
VDD
V
VIH2
P01, P10, P11, P13 to P17
TTL input buffer
1.6 V
 VDD  3.3 V
1.5
VDD
V
VIH3
P20 to P23
0.7VDD
VDD
V
VIH4
P60 to P62
0.7VDD
6.0
V
Input voltage,
high
VIH5
P121, P122, P137, EXCLK, RESET
0.8VDD
VDD
V
VIL1
P00, P01, P10 to P17, P30, P31,
P40, P50, P51, P70, P120, P147
Normal input buffer
0
0.2VDD
V
TTL input buffer
4.0 V
 VDD  5.5 V
0
0.8
V
TTL input buffer
3.3 V
 VDD 4.0 V
0
0.5
V
VIL2
P01, P10, P11, P13 to P17
TTL input buffer
1.6 V
 VDD  3.3 V
0
0.32
V
VIL3
P20 to P23
0
0.3VDD
V
VIL4
P60 to P62
0
0.3VDD
V
Input voltage,
low
VIL5
P121, P122, P137, EXCLK, RESET
0
0.2VDD
V
Caution The maximum value of VIH of P00, P10 to P15, P17 and P50 is VDD, even in the N-ch open-drain
mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com