Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7F0C902B2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R7F0C902B2
Description  True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F0C902B2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R7F0C902B2 Datasheet HTML 1Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 2Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 3Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 4Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 5Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 6Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 7Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 8Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
R7F0C901B2, R7F0C902B2
1. OUTLINE
Page 2 of 87
R01DS0236EJ0100 Rev.1.00
Jun 24, 2014
 ROM, RAM capacities
R7F0C901B2, R7F0C902B2
Flash ROM
Data flash
RAM
32 pins
64 KB
4 KB
4 KB
Note
R7F0C902B2
48 KB
4 KB
4 KB
Note
R7F0C901B2
Notes This is about 3 KB when the self-programming function and data flash function are used. (For details, see CHAPTER 3
in the RL78/G13 User’s Manual Hardware)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com