Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7F0C902B2 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R7F0C902B2
Description  True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F0C902B2 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R7F0C902B2 Datasheet HTML 82Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 83Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 84Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 85Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 86Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 87Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 88Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 89Page - Renesas Technology Corp R7F0C902B2 Datasheet HTML 90Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
NOTES FOR CMOS DEVICES
(1) VOLTAGE APPLICATION WAVEFORM AT INPUT PIN:
Waveform distortion due to input noise or a
reflected wave may cause malfunction.
If the input of the CMOS device stays in the area between VIL
(MAX) and VIH (MIN) due to noise, etc., the device may malfunction.
Take care to prevent chattering noise
from entering the device when the input level is fixed, and also in the transition period when the input level
passes through the area between VIL (MAX) and VIH (MIN).
(2) HANDLING OF UNUSED INPUT PINS:
Unconnected CMOS device inputs can be cause of malfunction.
If
an input pin is unconnected, it is possible that an internal input level may be generated due to noise, etc.,
causing malfunction.
CMOS devices behave differently than Bipolar or NMOS devices.
Input levels of
CMOS devices must be fixed high or low by using pull-up or pull-down circuitry.
Each unused pin should be
connected to VDD or GND via a resistor if there is a possibility that it will be an output pin.
All handling
related to unused pins must be judged separately for each device and according to related specifications
governing the device.
(3) PRECAUTION AGAINST ESD:
A strong electric field, when exposed to a MOS device, can cause
destruction of the gate oxide and ultimately degrade the device operation.
Steps must be taken to stop
generation of static electricity as much as possible, and quickly dissipate it when it has occurred.
Environmental control must be adequate.
When it is dry, a humidifier should be used.
It is recommended
to avoid using insulators that easily build up static electricity.
Semiconductor devices must be stored and
transported in an anti-static container, static shielding bag or conductive material.
All test and measurement
tools including work benches and floors should be grounded.
The operator should be grounded using a wrist
strap.
Semiconductor devices must not be touched with bare hands.
Similar precautions need to be taken
for PW boards with mounted semiconductor devices.
(4) STATUS BEFORE INITIALIZATION:
Power-on does not necessarily define the initial status of a MOS
device.
Immediately after the power source is turned ON, devices with reset functions have not yet been
initialized.
Hence, power-on does not guarantee output pin levels, I/O settings or contents of registers.
A
device is not initialized until the reset signal is received.
A reset operation must be executed immediately
after power-on for devices with reset functions.
(5) POWER ON/OFF SEQUENCE:
In the case of a device that uses different power supplies for the internal
operation and external interface, as a rule, switch on the external power supply after switching on the internal
power supply.
When switching the power supply off, as a rule, switch off the external power supply and then
the internal power supply.
Use of the reverse power on/off sequences may result in the application of an
overvoltage to the internal elements of the device, causing malfunction and degradation of internal elements
due to the passage of an abnormal current.
The correct power on/off sequence must be judged separately
for each device and according to related specifications governing the device.
(6) INPUT OF SIGNAL DURING POWER OFF STATE :
Do not input signals or an I/O pull-up power supply
while the device is not powered.
The current injection that results from input of such a signal or I/O pull-up
power supply may cause malfunction and the abnormal current that passes in the device at this time may
cause degradation of internal elements.
Input of signals during the power off state must be judged
separately for each device and according to related specifications governing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com