Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3298EMRTEP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL3298EMRTEP
Description  16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3298EMRTEP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL3298EMRTEP Datasheet HTML 2Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 9Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL3298EMRTEP
FN7607 Rev.2.00
Page 6 of 11
Oct 24, 2019
Hot Plug Function
When a piece of equipment powers-up, there is a period of time
where the processor or ASIC driving the RS-485 control line (DE)
is unable to ensure that the RS-485 Tx outputs are kept disabled.
If the equipment is connected to the bus, a driver activating
prematurely during power up may crash the bus. To avoid this
scenario, the ISL3298EMRTEP incorporates a “Hot Plug” function.
During power-up, circuitry monitoring VCC ensures that the Tx
outputs remain disabled for a period of time, regardless of the state
of DE. This gives the processor/ASIC a chance to stabilize and drive
the RS-485 control lines to the proper states.
ESD Protection
All pins on this device includes class 3 (8kV) Human Body
Model (HBM) ESD protection structures, but the RS-485 pins
(driver outputs) incorporate advanced structures allowing it to
survive ESD events in excess of ±16.5kV HBM and ±7kV to the
IEC61000 contact test method. The RS-485 pins are
particularly vulnerable to ESD damage because they typically
connect to an exposed port on the exterior of the finished
product. Simply touching the port pins, or connecting a cable,
can cause an ESD event that might destroy unprotected ICs.
These new ESD structures protect the device whether or not it is
powered up, and without degrading the RS-485 common mode
range of -7V to +12V. This built-in ESD protection eliminates the
need for board level protection structures (e.g., transient
suppression diodes), and the associated, undesirable capacitive
load they present.
Data Rate, Cables, and Terminations
RS-485/RS-422 are intended for network lengths up to 4000’,
but the maximum system data rate decreases as the
transmission length increases. Devices operating at 16Mbps are
limited to lengths less than 100’.
Twisted pair is the cable of choice for RS-485/RS-422 networks.
Twisted pair cables tend to pick up noise and other
electromagnetically induced voltages as common mode signals,
which are effectively rejected by the differential receivers in
these ICs. Proper termination is imperative, to minimize
reflections.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120Ω) at the end farthest
from the driver. In multi-receiver applications, stubs connecting
receivers to the main cable should be kept as short as possible.
Multipoint (multi-driver) systems require that the main cable be
terminated in its characteristic impedance at both ends. Stubs
connecting a transmitter or receiver to the main cable should be
kept as short as possible.
Driver Overload Protection
As stated previously, the RS-485 specification requires that
drivers survive worst case bus contentions undamaged. These
drivers meet this requirement, for VCC ≤ 3.6V, via driver output
short circuit current limits, and on-chip thermal shutdown
circuitry.
The driver output stages incorporate short circuit current limiting
circuitry which ensures that the output current never exceeds the
RS-485 specification, for VCC  3.6V, even at the common mode
voltage range extremes. Additionally, these devices utilize a
foldback circuit which reduces the short circuit current, and thus
the power dissipation, whenever the contending voltage exceeds
either VCC or GND.
In the event of a major short circuit condition, devices also include
a thermal shutdown feature that disables the drivers whenever the
die temperature becomes excessive. This eliminates the power
dissipation, allowing the die to cool. The drivers automatically
re-enable after the die temperature drops about +20°C. If the
contention persists, the thermal shutdown/re-enable cycle repeats
until the fault is cleared.
At VCC > 3.6V, the instantaneous short circuit current is high enough
that output stage damage may occur during short circuit conditions
to voltages outside of GND to VCC, before the short circuit limiting
and thermal shutdown activate. For VCC = 5V operation, if output
short circuits are a possibility (e.g., due to bus contention), it is
recommended that a 5Ω resistor be inserted in series with each
output. This resistor limits the instantaneous current below levels
that can cause damage. The driver VOD at VCC = 5V is so large that
this small added resistance has little impact.
High Temperature Operation
Due to power dissipation and instantaneous output short circuit
current levels at VCC = 5V, these transmitters may not be
operated at +125°C with VCC > 3.6V.
At VCC = 3.6V, the device may be operated at +125°C, while
driving a 100’, double terminated, CAT 5 cable at 16Mbps,
without triggering the thermal SHDN circuit.
Low Power Shutdown Mode
This BiCMOS transmitter uses a fraction of the power required by
its bipolar counterparts and it also includes a shutdown feature
that reduces the already low quiescent ICC to a 1µA trickle. This
device enters shutdown whenever the driver disables (DE = GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com