Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3298EMRTEP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL3298EMRTEP
Description  16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3298EMRTEP Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL3298EMRTEP Datasheet HTML 1Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 2Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL3298EMRTEP
FN7607 Rev.2.00
Page 2 of 11
Oct 24, 2019
Pin Configuration
8 LD TDFN
TOP VIEW
Truth Table
TRANSMITTING
INPUTS
OUTPUTS
DE
DI
Z
Y
11
01
10
10
0X
High-Z *
High-Z *
NOTE: *Shutdown Mode
2
3
4
1
7
6
5
8
VL
DE
DI
GND
VCC
Z
Y
GND
D
Pin Descriptions
PIN NUMBER
PIN SYMBOL
FUNCTION
1VL
Logic-Level supply which sets the VIL/VIH levels for the DI and DE pins. Power-up this supply after VCC, and keep VL
≤VCC.
2
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high, and are high impedance when
DE is low. If the driver enable function isn’t needed, connect DE to VCC (or VL) through a 1kΩ to 3kΩ resistor.
3
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output
Z low.
4, 5
GND
Ground connection. This is also the potential of the TDFN thermal pad.
6
Y
±15kV HBM, ±7kV IEC61000 (contact method) ESD Protected RS-485/422 level, noninverting transmitter output.
7
Z
±15kV HBM, ±7kV IEC61000 (contact method) ESD Protected RS-485/422 level, inverting transmitter output.
8VCC
System power supply input (3.0V to 5.5V). On devices with a VL pin, power-up VCC first.
Ordering Information
PART NUMBER
(Note)
VENDOR ITEM
DRAWING
PART
MARKING
TEMP. RANGE
(°C)
TAPE AND REEL
(Units)
PACKAGE
PKG.
DWG. #
ISL3298EMRTEP-TK
V62/10602-01XB 298
-55 to +125
1k
8 Ld TDFN
L8.2X3A
NOTE: See TB347 for details about reel specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com