Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3298EMRTEP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL3298EMRTEP
Description  16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3298EMRTEP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL3298EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 9Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 10Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ISL3298EMRTEP
FN7607 Rev.2.00
Page 8 of 11
Oct 24, 2019
FIGURE 12. DRIVER DIFFERENTIAL SKEW vs TEMPERATURE
FIGURE 13. DRIVER SINGLE-ENDED SKEW vs TEMPERATURE
FIGURE 14. SINGLE-ENDED PROPAGATION DELAY vs
TEMPERATURE
FIGURE 15. DRIVER WAVEFORMS, HIGH TO LOW
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
TRANSISTOR COUNT:
516
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = VL = 3.3V, TA = +25°C; Unless Otherwise Specified (Continued)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VL = VCC ≤ 3.3V, SKEW
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Y, VL = VCC = 3.3V, SKEW
Z, VL = VCC = 3.3V, SKEW
18
20
22
24
26
28
30
32
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Y, VL = VCC, TDDLH
Z, VL = VCC, TDDLH
Z, VL = VCC = TDDHL
Y, VL = VCC = TDDHL
TIME (10ns/DIV)
RDIFF = 54Ω, CD = 50pF
1.5
3.0
0
3
DI
Y
Z
0
-3
-2
-1
0
1
2
3
Y - Z
VL = 1.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com