Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3298EMRTEP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL3298EMRTEP
Description  16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3298EMRTEP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL3298EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 9Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 10Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL3298EMRTEP
FN7607 Rev.2.00
Page 7 of 11
Oct 24, 2019
Typical Performance Curves V
CC = VL = 3.3V, TA = +25°C; Unless Otherwise Specified
FIGURE 6. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 7. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 8. SUPPLY CURRENT vs TEMPERATURE
FIGURE 9. VL SUPPLY CURRENT vs LOGIC PIN VOLTAGE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. DRIVER DIFFERENTIAL PROPAGATION DELAY vs
TEMPERATURE
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
90
100
110
+25°C
+85°C
+125°C
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RDIFF = 100Ω, VL = VCC = 5.0V, L
RDIFF = 100Ω, VL = VCC = 5.0V, H
RDIFF = 54Ω, VL = VCC = 5.0V, L
RDIFF = 54Ω, VL = VCC = 5.0V, H
RDIFF = 100Ω, VL= VCC = 3.3V, L
RDIFF = 100Ω, VL = VCC = 3.3V, H
RDIFF = 54W,VL = VCC = 3.3V, L
RDIFF = 54Ω, VL= VCC = 3.3V, H
95
96
97
98
99
100
101
102
103
104
105
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = 5.0V, DI = H
VCC = 5.0V, DI = L
02
4
DI VOLTAGE (V)
13
5
67 7.5
VL = 3.3V
0
5
10
15
20
25
30
35
40
VCC = 3.3V
VL  2V
VL = 2.5V
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-150
Y OR Z = LOW
19
21
23
25
27
29
31
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VL = VCC ≥ 3.3V,SKEW
VL = VCC ≤ 3.3V, SKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com