Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12SCIV3/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # S12SCIV3/D
Description  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12SCIV3/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button S12SCIV3/D Datasheet HTML 16Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 17Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 18Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 19Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 20Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 21Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 22Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 23Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
MC9S12KG128 SoC Guide — V01.01
–
50MHz equivalent to 25MHz Bus Speed
•
112-Pin LQFP or 80-Pin QFP package
–
I/O lines with 3.3V/5V input and drive capability
–
3.3V/5V A/D converter inputs
1.3 Modes of Operation
•
Normal modes
–
Normal Single-Chip Mode
–
Normal Expanded Wide Mode1
–
Normal Expanded Narrow Mode1
–
Emulation Expanded Wide Mode1
–
Emulation Expanded Narrow Mode1
•
Special Operating Modes
–
Special Single-Chip Mode with active Background Debug Mode
–
Special Test Mode1 (Freescale use only)
–
Special Peripheral Mode1 (Freescale use only)
•
Each of the above modes of operation can be configured for three Low power submodes
–
Stop Mode
–
Pseudo Stop Mode
–
Wait Mode
•
Secure operation, preventing the unauthorized read and write of the memory contents.
1.4 System Memory Map
Shows the device memory map of the MC9S12KG128 after reset
Table 1-1 Device Memory Map
NOTES:
1. Expanded modes are only available in the 112 pin package version.
Address
Module
Size
$000 - $017
CORE (Ports A, B, E, Modes, Inits, Test)
24
$018
Reserved
1
$019
Voltage Regulator (VREG)
1
$01A - $01B
Device ID register (PARTID)
2
$01C - $01F
CORE (MEMSIZ, IRQ, HPRIO)
4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com