Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12SCIV3/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # S12SCIV3/D
Description  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12SCIV3/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button S12SCIV3/D Datasheet HTML 39Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 40Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 41Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 42Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 43Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 44Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 45Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 46Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
MC9S12KG128 SoC Guide — V01.01
It is possible to enable the pipe status signals on Port E bits 6 and 5 by setting the PIPOE bit in the PEAR
register, but it would be unusual to do so in this mode. Development systems where pipe status signals are
monitored would typically use the special variation of this mode.
The Port E bit 2 pin can be reconfigured as the R/W bus control signal by writing “1” to the RDWE bit in
the PEAR register. If the expanded system includes external devices that can be written, such as RAM, the
RDWE bit would need to be set before any attempt to write to an external location. If there are no writable
resources in the external system, PE2 can be left as a general purpose I/O pin.
The Port E bit 3 pin can be reconfigured as the LSTRB bus control signal by writing “1” to the LSTRE bit
in the PEAR register. The default condition of this pin is a general purpose input because the LSTRB
function is not needed in all expanded wide applications.
The Port E bit 4 pin is initially configured as ECLK output with stretch. The ECLK output function
depends upon the settings of the NECLK bit in the PEAR register, the IVIS bit in the MODE register and
the ESTR bit in the EBICTL register. The ECLK is available for use in external select decode logic or as
a constant speed clock for use in the external application system.
4.2.1.3 Normal Expanded Narrow Mode
The normal expanded narrow mode is used for lower cost production systems that use 8-bit wide external
EPROMs or RAMs. Such systems take extra bus cycles to access 16-bit locations but this may be preferred
over the extra cost of additional external memory devices.
Ports A and B are configured as a 16-bit address bus and Port A is multiplexed with data. Internal visibility
is not available in this mode because the internal cycles would need to be split into two 8-bit cycles.
Since the PEAR register can only be written one time in this mode, use care to set all bits to the desired
states during the single allowed write.
The PE3/LSTRB pin is always a general purpose I/O pin in normal expanded narrow mode. Although it
is possible to write the LSTRE bit in the PEAR register to “1” in this mode, the state of LSTRE is
overridden and Port E bit 3 cannot be reconfigured as the LSTRB output.
It is possible to enable the pipe status signals on Port E bits 6 and 5 by setting the PIPOE bit in the PEAR
register, but it would be unusual to do so in this mode. LSTRB would also be needed to fully understand
system activity. Development systems where pipe status signals are monitored would typically use special
expanded wide mode or occasionally special expanded narrow mode.
The PE4/ECLK pin is initially configured as ECLK output with stretch. The ECLK output function
depends upon the settings of the NECLK bit in the PEAR register, the IVIS bit in the MODE register and
the ESTR bit in the EBICTL register. In normal expanded narrow mode, the ECLK is available for use in
external select decode logic or as a constant speed clock for use in the external application system.
The PE2/R/W pin is initially configured as a general purpose input with a pull-up but this pin can be
reconfigured as the R/W bus control signal by writing “1” to the RDWE bit in the PEAR register. If the
expanded narrow system includes external devices that can be written such as RAM, the RDWE bit would
need to be set before any attempt to write to an external location. If there are no writable resources in the
external system, PE2 can be left as a general purpose I/O pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com