Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPMC68CK338CPV14 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SPMC68CK338CPV14 Datasheet HTML 17Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 18Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 19Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 20Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 21Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 22Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 23Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 24Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
21
Figure 8 LPSTOP Flowchart
SETUP INTERRUPT
TO WAKE UP MCU
FROM LPSTOP
LEAVE IMBCLK1
ON IN LPSTOP?
NO
YES
SET STOP BITS FOR
MODULES THAT WILL
NOT BE ACTIVE IN
LPSTOP
SET STCPU2 = 1
fimbclk = fsys
IN LPSTOP
SET STCPU2 = 0
fimbclk = 0 Hz
IN LPSTOP
USING
EXTERNAL CLOCK?
NO
YES
USE SYSTEM CLOCK
AS SIMCLK IN LPSTOP?
NO
YES
SET STSIM = 1
fsimclk
3 = f
sys
IN LPSTOP
WANT CLKOUT
ON IN LPSTOP?
NO
YES
NO
YES
WANT CLKOUT
ON IN LPSTOP?
SET STSIM = 0
fsimclk
3 = f
ref
IN LPSTOP
SET STEXT = 1
fclkout
4 = f
sys
feclk = ÷ fsys
IN LPSTOP
SET STEXT = 0
fclkout
4 = 0 Hz
feclk = ÷ 0 Hz
IN LPSTOP
SET STEXT = 1
fclkout
4 = f
ref
feclk = ÷ 0 Hz
IN LPSTOP
SET STEXT = 0
fclkout
4 = 0 Hz
feclk = ÷ 0 Hz
IN LPSTOP
ENTER LPSTOP
NOTES:
1. IMBCLK IS THE CLOCK USED BY THE CPU32L, QSM, CTM6, AND THE SIML.
2. WHEN STCPU = 1, THE CPU32L IS SHUTDOWN IN LPSTOP. ALL OTHER MODULES WILL REMAIN ACTIVE UNLESS
THE STOP BITS IN THEIR MODULE CONFIGURATION REGISTERS ARE SET PRIOR TO ENTERING LPSTOP.
3. THE SIMCLK IS USED BY THE PIT, IRQ, AND INPUT BLOCKS OF THE SIML.
4. CLKOUT CONTROL DURING LPSTOP IS OVERRIDDEN BY THE EXOFF BIT IN SIMLCR. IF EXOFF = 1, THE CLKOUT
PIN IS ALWAYS IN A HIGH IMPEDANCE STATE AND STEXT HAS NO EFFECT IN LPSTOP. IF EXOFF = 0, CLKOUT
IS CONTROLLED BY STEXT IN LPSTOP. WHEN STCPU = 1, THE CPU32L IS DISABLED IN LPSTOP, BUT ALL OTHER
MODULES REMAIN ACTIVE OR STOPPED ACCORDING TO THE SETTING.
LPSTOP FLOWCHART
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com