| Electronic Components Datasheet Search |
|
SPMC68CK338CPV14 Datasheet(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 Datasheet(HTML) 39 Page - NXP Semiconductors |
|
39 / 133 page ![]() MC68CK338 MOTOROLA MC68CK338TS/D 39 A write to the port E data register is stored in the internal data latch and, if any port E pin is configured as an output, the value stored for that bit is driven on the pin. A read of the port E data register returns the value at the pin only if the pin is configured as a discrete input. Otherwise, the value read is the value stored in the register. The port E data register is a single register that can be accessed in two locations. When accessed at $YFFA11, the register is referred to as PORTE0; when accessed at $YFFA13, the register is referred to as PORTE1. The register can be read or written at any time. It is unaffected by reset. The bits in this register control the direction of the pin drivers when the pins are configured as I/O. Any bit in this register set to one configures the corresponding pin as an output. Any bit in this register cleared to zero configures the corresponding pin as an input. This register can be read or written at any time. The bits in this register control the function of each port E pin. Any bit set to one configures the corre- sponding pin as a bus control signal, with the function shown in Table 29. Any bit cleared to zero defines the corresponding pin to be an I/O pin, controlled by PORTE and DDRE. Data bus bit 8 controls the state of this register following reset. If DATA8 is set to one during reset, the register is set to $FF, which defines all port E pins as bus control signals. If DATA8 is cleared to zero during reset, this register is set to $00, configuring all port E pins as I/O pins. PORTE0, PORTE1— Port E Data Register $YFFA11, YFFA13 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 NOT USED PE7 PE6 PE5 PE4 PE3 PE2 PE1 PE0 RESET: U U U U U U U U DDRE — Port E Data Direction Register $YFFA15 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DDE7 DDE6 DDE5 DDE4 DDE3 DDE2 DDE1 DDE0 RESET: 0 0 0 0 0 0 0 0 PEPAR — Port E Pin Assignment $YFFA17 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 PEPA7 PEPA6 PEPA5 PEPA4 PEPA3 PEPA2 PEPA1 PEPA0 RESET: DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |