Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMC68CK338CPV14 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPMC68CK338CPV14 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SPMC68CK338CPV14 Datasheet HTML 3Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 4Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 5Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 6Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 7Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 8Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 9Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 10Page - NXP Semiconductors SPMC68CK338CPV14 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
7
2 Signal Descriptions
2.1 Pin Characteristics
Table 2 shows MCU pins and their characteristics. All inputs detect CMOS logic levels. All inputs can
be put in a high-impedance state, but the method of doing this differs depending upon pin function. Re-
fer to Table 4 for a description of output drivers. An entry in the discrete I/O column of Table 2 indicates
that a pin has an alternate I/O function. The port designation is given when it applies. Refer to Figure
1 for information about port organization.
Table 2 MCU Pin Characteristics
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
ADDR23/CS10
A
Yes
No
—
—
ADDR[22:19]/CS[9:6]
A
Yes
No
O
PC[6:3]
ADDR[18:0]
A
Yes
No
—
—
AS
B
Yes
No
I/O
PE5
AVEC
B
Yes
No
I/O
PE2
BERR
B
Yes1
No
—
—
BG/CS1
B
—
———
BGACK/CS2
B
Yes
No
—
—
BKPT/DSCLK
—
Yes
Yes
—
—
BR/CS0
B
Yes
No
—
—
CLKOUT
A
—
—
—
—
CSBOOT
B
—
———
CTD[29:26]
Ao
Yes
Yes
I/O
—
CTD[10:4]
Ao
Yes
Yes
I/O
—
CTIO[5:0]
A
Yes
Yes
I/O
—
CTM31L
A
Yes
Yes
I
—
CTS24[B:A]
A
Yes
Yes
I/O
—
CTS18[B:A]
A
Yes
Yes
I/O
—
CTS14[B:A]
A
Yes
Yes
I/O
—
DATA[15:0]
Aw
Yes2
No
—
—
DS
B
Yes
No
I/O
PE4
DSACK[1:0]
B
Yes
No
I/O
PE[1:0]
DSI/IFETCH
A
Yes
Yes
—
—
DSO/IPIPE
A
—
———
EXRTC
—
—
Yes
—
—
EXTAL
—
—
Yes
—
—
FC[2:0]/CS[5:3]
A
Yes
No
O
PC[2:0]
FREEZE/QUOT
A
—
—
—
—
HALT
Bo
Yes1
No
—
—
IRQ[7:1]
B
Yes
Yes
I/O
PF[7:1]
MISO
Bo
Yes2
Yes
I/O
PQS0
MODCLK
B
Yes2
No
I/O
PF0
MOSI
Bo
Yes2
Yes
I/O
PQS1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com