Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001ASEH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL70001ASEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEH Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL70001ASEH Datasheet HTML 1Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 2Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 3 of 27
Sep 16, 2022
Pin Configuration
48 LD CQFP
TOP VIEW
Ordering Information
ORDERING SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
RADIATION
HARDNESS
(Total Ionizing Dose)
PACKAGE
DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
CARRIER
TYPE
TEMP. RANGE
5962R0922503VXC
ISL70001ASEHVF
HDR to 100krad(Si),
LDR to 50krad(Si)
48 Ld CQFP
R48.A
Tray
-55 to +125°C
5962R0922503VYC
ISL70001ASEHVFE
48 Ld CQFP with
Heatsink
R48.B
Tray
5962R0922503V9A
ISL70001ASEHVX(Note 3)Die
-
-
N/A
ISL70001ASEHF/PROTO (Note 4)
N/A
48 Ld CQFP
R48.A
Tray
ISL70001ASEHFE/PROTO (Note 4)
48 Ld CQFP with
Heatsink
R48.B
Tray
ISL70001ASEHX/SAMPLE (Notes 3, 4)Die
-
-
ISL70001ASEHEV1Z (Note 5)Evaluation Board
NOTES:
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in “Electrical Specifications” on page 8.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
5. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
PVIN3
LX3
PGND3
PGND3
PGND4
PGND4
LX4
PVIN4
PVIN4
PVIN5
PVIN5
LX5
M/S
ZAP
TDI
TDO
PGOOD
DVDD
DGND
DGND
AGND
AGND
SS
DVDD
* HEATSINK
* Heatsink available in R48.B package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com