Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001ASEH Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL70001ASEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEH Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL70001ASEH Datasheet HTML 1Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 2Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 5 of 27
Sep 16, 2022
21
FB
1
This pin is the voltage feedback input to the internal error amplifier. Connect a resistor from FB to VOUT
and from FB to AGND to adjust the output voltage in accordance with Equation 2:
where:
VOUT = Output voltage
VREF = Reference voltage (0.6V typical)
RT = Top divider resistor (Must be 1kΩ)
RB = Bottom divider resistor
The top divider resistor must be 1kΩ to mitigate SEE. Connect a 4.7nF ceramic capacitor across RT to mitigate
SEE and to improve stability margins.
22
EN
1
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to AGND with a 10nF
ceramic capacitor to mitigate SEE.
23
PORSEL
2
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
HEATSINK
-
The heatsink is electrically isolated and should be connected to a thermal chassis of any potential which
offers optimal thermal relief.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
ESD
CIRCUIT
DESCRIPTION
VOUT
VREF 1RT RB

+

=
(EQ. 2)
CIRCUIT 1
PIN #
AVDD
AGND
DVDD
DGND
PIN #
PGND
PVIN
7V
CLAMP
CIRCUIT 3
CIRCUIT 4
DGND
PIN#
7V
CLAMP
CIRCUIT 5
CIRCUIT 2
DGND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com