Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001ASEH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL70001ASEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL70001ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 10 of 27
Sep 16, 2022
Enable (EN) Input Leakage Current
VIN = 5.5V, EN = GND or VIN
-3
0
3
µA
Enable (EN) Sink Current
EN = 0.3V
6.4
11
16.6
µA
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C (Note 15). Boldface limits apply across the operating temperature range, -55°C to +125°C; over a total
iodizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low
dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 16)
TYP
(Note 15)
MAX
(Note 16)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com