Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001ASEH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL70001ASEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEH Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL70001ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001ASEH Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 8 of 27
Sep 16, 2022
V
Absolute Maximum Ratings
Thermal Information
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 6.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND - 0.3V to DGND +6.5V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 6.5V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal Pins (Note 11) . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital Control Pins (Note 12) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 6.5V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
Absolute Maximum Ratings (Note 10)
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 5.7V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 5.7V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal Pins (Note 11) . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital Control Pins (Note 12) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
48 Ld CQFP R48.A (Notes 6, 8) . . . . . . . . .
36.5
3
48 Ld CQFP R48.B (Notes 7, 9) . . . . . . . . .
19
1.3
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+145°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND + 3V to 5.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND + 3V to 5.5V
PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx + 3V to 5.5V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.1V
Signal Pins (Note 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .AGND to AVDD
Digital Control Pins (Note 12) . . . . . . . . . . . . . . . . . . . . . . . . .DGND to DVDD
REF, SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Set
GND, TDI, TDO, TPGM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND
ILXx (TJ ≤ +145°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 1.0A
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
7.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features. See TB379.
8. For
JC, the case temperature location is the center of the package underside.
9. For
JC, the case temperature location is the center of the exposed metal pad on the package underside.
10. For operation in a heavy ion environment at LET = 86.4 MeV•cm2/mg with +125°C (TC).
11. EN, FB, PORSEL, and REF pins.
12. M/S, SYNC, TDI, TDO, and ZAP pins
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C (Note 15). Boldface limits apply across the operating temperature range, -55°C to +125°C; over a total
iodizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low
dose rate of <10mrad(Si)/s.
PARAMETER
TEST CONDITIONS
MIN
(Note 16)
TYP
(Note 15)
MAX
(Note 16)UNITS
POWER SUPPLY
Operating Supply Current
VIN = 5.5V (Note 13)40
65
mA
VIN = 3.6V (Note 13)25
45
mA
Shutdown Supply Current
VIN = 5.5V, EN = GND (Note 14)2
6
mA
VIN = 3.6V, EN = GND (Note 14)1.5
4.5
mA
OUTPUT VOLTAGE
Reference Voltage Tolerance
0.594
0.6
0.606
V
Output Voltage Tolerance
VOUT = 0.8V to 2.5V for VIN = 4.5V to 5.5V,
VOUT = 0.8V to 2.5V for VIN = 3V to 3.6V,
IOUT = 0A to 6A (Notes 17, 18)
-2
0
2
%
Feedback (FB) Input Leakage Current
VIN = 5.5V, VFB = 0.6V
-1
0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com