Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70100SEHF/PROTO Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL70100SEH, ISL73100SEH
2. Specifications
R34DS0009EU0101 Rev.1.01
Page 9 of 27
Jul.10.20
Maximum Linear Output Current
Range
IOUT
ROUT = 0Ω
300
600
1100
µA
Short-Circuit Current
VRS+ = 40V, VRS- = 0V, ROUT = 0Ω
300
600
1100
µA
Power Supply Specifications
Supply Current
I+
VSEN = 0mV, VRS+ = 0V, V+
240
400
µA
AC Specifications
500kHz Attenuation
Att500kHz VSEN = 50mV, CL = 10pF, AV = 10,
fTEST=1kHz, 500kHz
-3
-0.20
dB
Settling Time
tS
VSEN = 5mV to 150mV (to 1% of final value)
0.8
µs
Input Step Response Time
tRES
VSEN = 5mV to 150mV
50% of input to 50% of output
0.4
1
µs
Slew Rate
SR
VSEN = 5mV to 150mV (TA = +25°C)
0.50
1.2
2.50
mA/µs
VSEN = 5mV to 150mV (TA = +125°C)
0.50
1.8
2.50
mA/µs
VSEN = 5mV to 150mV (TA = -55°C)
0.45
0.75
2.50
mA/µs
VSEN = 5mV to 150mV
(TA = +25°C, Post Rad)
0.50
1.1
2.50
mA/µs
Recommended operating conditions, V+ = VRS+ = 2.7V, V- = 0V, VSEN = (VRS+ - VRS-), ROUT = 3.33kΩ and TA = +25°C unless otherwise
specified.Boldface limits apply across the operating temperature range from -55°C to +125°C; over a Total Ionizing Dose (TID) of
100krad(Si) with an exposure rate of 50-300rad(Si)/s at 25°C (ISL70100SEH only); or over a TID of 75krad(Si) with an exposure rate of
<10mrad(Si)/s at 25°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 11)
Typ
(Note 10)
Max
(Note 11)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com