Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70100SEHF/PROTO Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISL70100SEH, ISL73100SEH
5. Applications Information
R34DS0009EU0101 Rev.1.01
Page 22 of 27
Jul.10.20
5.5
Response Time
The ISL7x100SEH is designed to provide fast response time for circuit protection or signal transmission. The
delay and speed of the response depend on the starting point of the step. If the sensed current is very low (near
zero) before the transient, there may be an increased delay time to see the output react. If fast reaction times are
required, increase the sense resistance such that there are a few millivolts (1-5mV) of differential across the
inputs under the lowest current condition. The higher the differential is for the lowest current condition, the faster
the response time is, but that results in increased DC power losses.
Figures 43 and 44 show the step response difference from starting with a 0mV differential versus starting with a
25mV differential. For most applications the 40-50ns faster reaction time may not warrant the resulting power
loss.
Figure 43. 0mV to 150mV Step Response
Figure 44. 25mV to 150mV Step Response
0
200
400
600
800
1000
1200
1400
1600
-500
-400
-300
-200
-100
0
100
200
300
25
30
35
40
Time (µs)
0.1V/div
0.2mA/div
0.2mA/div
0.2mA/div
VSEN
IOUT (125°C)
IOUT (25°C)
IOUT (-55°C)
t
RES = 295.6 ns
t
RES = 254.4ns
t
RES = 254.9ns
V+ = 12V
0
200
400
600
800
1000
1200
1400
1600
-500
-400
-300
-200
-100
0
100
200
300
25
30
35
40
Time (µs)
0.1V/div
t
RES = 217.8ns
t
RES = 206.0ns
t
RES = 258.4ns
VSEN
IOUT (125°C)
IOUT (25°C)
IOUT (-55°C)
0.2mA/div
0.2mA/div
0.2mA/div
V+ = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com