Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70100SEHF/PROTO Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ISL70100SEH, ISL73100SEH
4. Functional Description
R34DS0009EU0101 Rev.1.01
Page 20 of 27
Jul.10.20
4.4
Sources of Error
4.4.1
Input Impedance of Downstream Devices
The value of the output resistance is not critical if the circuit that is being driven has a high input impedance. If the
driven circuit has a low input impedance, the accuracy of VOUT is reduced. Using an example where the input
impedance is 100 times larger than the output resistance. It can be seen that the accuracy drops by 1%.
where:
•VOUT is the output voltage in volts
•IOUT is the output current in amps
•ROUT is output resistance loading the output of the ISL7x100SEH in ohms
•RIN is the input impedance of the downstream device in ohms
4.4.2
Input Offset Voltage
The dynamic range of the ISL7x100SEH is inversely proportional to the input offset voltage. The dynamic range
can be thought of as the maximum sense voltage divided by VOS. These amplifiers have an offset voltage of 10µV
typically. The electrical specification table shows how the offset voltage can vary across various operating points.
4.4.3
Input Bias and Offset Current
A typical current sense amplifier has the ability to change its transconductance by changing the input resistors. In
this case, the input bias currents and offset currents can induce more error on top of the offset voltage. The
ISL7x100SEH gets around this by internalizing these input resistors and trimming out the error associated with
them during production.
4.4.4
Sensed Current Error
The effective current error can be determined with Equation 3. It shows the amount of current that the
current-sense amplifier is blind to.
where:
•VOS is the offset voltage in µV.
•RSENSE is the sense resistor in mΩ.
•IERROR is the current error in mA.
The RSENSE can be increased to lower the current error, but this reduces the maximum current that can be
sensed and increases power dissipation. Careful consideration must be made to balance power dissipation and
accuracy.
VOUT
IOUT
ROUT RIN
ROUT RIN
+
---------------------------------
IOUT
100
101
----------
IOUT ROUT
0.99
==
=
(EQ. 2)
IERROR
VOS
RSENSE
-----------------------
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com