Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70100SEHF/PROTO Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL70100SEH, ISL73100SEH
6. Die Characteristics
R34DS0009EU0101 Rev.1.01
Page 23 of 27
Jul.10.20
6.
Die Characteristics
Table 1.
Die and Assembly Related Information
Die Information
Dimensions
2413µm x 3302µm (95 mils x 130 mils)
Thickness: 483µm ± 25µm (19 mils ±1 mil)
Interface Materials
Glassivation
Type: 15kÅ Nitrox
Top Metallization
Type: 30kÅ AlCu (99.5%/0.5%)
Backside Finish
Silicon
Process
PR40
Assembly Information
Substrate Potential
Floating
Additional Information
Worst Case Current Density
<2 x105A/cm2
Transistor Count
560
Weight of Packaged Device
0.3916 grams
Lid Characteristics
Finish: Gold
Potential: Tied to package Pin 6 (Lid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com