Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70419SEHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL70419SEHF/PROTO
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70419SEHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL70419SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL70419SEH, ISL73419SEH
FN8653 Rev.3.00
Page 4 of 23
Nov 21, 2019
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (LET = 86.4MeV
•cm2/mg) . . . . . . . . . . . . . 36V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per EIA/JESD22-A115-A) . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA(°C/W)
JC (°C/W)
14 Ld Flatpack (Notes 6, 7). . . . . . . . . . . . .
35
8
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V (±5V) to 30V (±15V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features. See TB379.
7. For
JC, the case temperature location is the center of the package underside.
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply across the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s (ISL70419SEH only);
or across a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
Input Offset Voltage
VOS
10
85
µV
110
µV
Offset Voltage Drift
TCVOS
Established by characterization not
tested
0.1
1
µV/
°C
Input Bias Current
IB
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-5
5
nA
Over high and low dose radiation
-15
15
nA
Input Bias Current Temperature
Coefficient
TCIB
Established by characterization not
tested
-5
1
5
pA/°C
Input Offset Current
IOS
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-3
3
nA
Over high and low dose radiation
-10
10
nA
Input Offset Current Temperature
Coefficient
TCIOS
Established by characterization not
tested
-3
0.42
3
pA/°C
Input Voltage Range
VCM
Established by CMRR test
-13
13
V
Common-Mode Rejection Ratio
CMRR
VCM = -13V to +13V
120
145
dB
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±2.25V to ±20V
120
145
dB
120
dB
Open-Loop Gain
AVOL
VO = -13V to +13V, RL = 10kΩ to ground
3,000
14,000
V/mV
Output Voltage High
VOH
RL = 10kΩ to ground
13.5
13.7
V
13.2
V
RL = 2kΩ to ground
13.3
13.55
V
13.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com