Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70419SEHF/PROTO Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL70419SEHF/PROTO
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70419SEHF/PROTO Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL70419SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL70419SEH, ISL73419SEH
FN8653 Rev.3.00
Page 7 of 23
Nov 21, 2019
TRANSIENT RESPONSE
Slew Rate, VOUT 20% to 80%
SR
AV = 11, RL = 2kΩVO = 4VP-P
0.5
V/µs
Rise Time
10% to 90% of VOUT
tr, tf,
small signal
AV = 1, VOUT = 50mVP-P,
RL = 10kΩ to VCM
130
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P,
RL = 10kΩto VCM
130
ns
Settling Time to 0.1%
4V Step; 10% to VOUT
ts
AV = -1, VOUT = 4VP-P,
RL = 5kΩto VCM
12
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P,
RL = 5kΩto VCM
19
µs
Output Positive Overload Recovery Time
tOL
AV = -100, VIN = 0.2VP-P
RL = 2kΩto VCM
7µs
Output Negative Overload Recovery Time
AV = -100, VIN = 0.2VP-P
RL = 2kΩto VCM
5.8
µs
Positive Overshoot
OS+
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
15
%
Negative Overshoot
OS-
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
15
%
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s (ISL70419SEH only);
or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(
Note 8)
TYP
MAX
(Note 8)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com