Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70419SEHF/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL70419SEHF/PROTO
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70419SEHF/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL70419SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL70419SEH, ISL73419SEH
FN8653 Rev.3.00
Page 6 of 23
Nov 21, 2019
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s (ISL70419SEH only);
or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
CONDITIONS
MIN
(
Note 8)
TYP
MAX
(Note 8)UNIT
Input Offset Voltage
VOS
10
150
µV
250
µV
Offset Voltage Drift
TCVOS
Established by characterization not
tested
0.1
1
µV/
°C
Input Bias Current
IB
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-5
5
nA
Over high and low dose radiation
-15
15
nA
Input Bias Current Temperature
Coefficient
TCIB
Established by characterization not
tested
-5
1
5
pA/°C
Input Offset Current
IOS
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-3
3
nA
Over high and low dose radiation
-10
10
nA
Input Offset Current Temperature
Coefficient
TCIOS
Established by characterization not
tested
-3
0.42
3
pA/°C
Input Voltage Range
VCM
Established by CMRR test
-3
3
V
Common-Mode Rejection Ratio
CMRR
VCM = -3V to +3V
120
145
dB
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±2.25V to ±5V
120
145
dB
120
dB
Open-Loop Gain
AVOL
VO = -3.0V to +3.0V
RL = 10kΩ to ground
3000
14000
V/mV
Output Voltage High
VOH
RL = 10kΩ to ground
3.5
3.7
V
3.2
V
RL = 2kΩ to ground
3.3
3.55
V
3.0
V
Output Voltage Low
VOL
RL = 10kΩ to ground
-3.7
-3.5
V
-3.2
V
RL = 2kΩ to ground
-3.55
-3.3
V
-3.0
V
Supply Current/Amplifier
IS
0.44
0.625
mA
0.75
mA
Short-Circuit Current
ISC
43
mA
AC SPECIFICATIONS
Gain Bandwidth Product
GBWP
AV = 1k, RL = 2kΩ
1.5
MHz
Voltage Noise
enp-p
0.1Hz to 10Hz
0.25
µVP-P
Voltage Noise Density
en
f = 10Hz
12
nV/
Hz
Voltage Noise Density
en
f = 100Hz
8.6
nV/
Hz
Voltage Noise Density
en
f = 1kHz
8
nV/
Hz
Voltage Noise Density
en
f = 10kHz
8
nV/
Hz
Current Noise Density
in
f = 1kHz
0.1
pA/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com