Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL1Z Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL81802EVAL1Z
Description  80V Dual Synchronous Buck Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL1Z Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL81802EVAL1Z Datasheet HTML 35Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 36Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 37Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 38Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 39Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 40Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 41Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 42Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
ISL81802
7. Component Selection Guideline
R16DS0033EU0101 Rev.1.01
Page 39 of 44
Oct.15.20
7.
Component Selection Guideline
7.1
MOSFET Considerations
The MOSFETs are chosen for optimum efficiency given the potentially wide input voltage range and output power
requirement. Select these MOSFETs based on rDS(ON), gate supply requirements, and thermal management
considerations.
The maximum operation voltage of the MOSFET is decided by the maximum VIN voltage. Choose the MOSFETs
based on their maximum operation voltage with sufficient margin for safe operation.
The power dissipation of the MOSFET is based on: conduction loss and switching loss. The power loss of the
upper and lower MOSFETs are calculated by Equation 16 and Equation 17. The conduction losses are the main
source of power dissipation for the lower MOSFET. Only the upper MOSFET has significant switching losses
because the lower device turns on and off into near zero voltage. The equations assume linear voltage current
transitions and do not model power loss because of the reverse recovery of the lower MOSFET body diode.
A large gate-charge increases the switching time, tSW, which increases the switching losses of the buck upper
MOSFETs. Ensure that all four MOSFETs are within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to package thermal resistance specifications.
7.2
Inductor Selection
The inductor is selected to meet the output voltage ripple requirements. The inductor value determines the ripple
current and the ripple voltage of the converter is a function of the ripple current and the output capacitor(s) ESR.
The ripple voltage expression is given in the capacitor selection section and the ripple current is approximated by
Equation 18.
The ripple current ratio is usually 30% to 70% of the inductor average current at the full output load condition.
7.3
Output Capacitor Selection
In general, select the output capacitors to meet the dynamic regulation requirements including ripple voltage and
load transients. Selection of output capacitors is also dependent on the inductor, so some inductor analysis is
required to select the output capacitors.
One of the parameters limiting the response of the converter to a load transient is the time required for the
inductor current to slew to its new level. The ISL81802 provides either 0% or maximum duty cycle in response to
a load transient.
The response time is the time interval required to slew the inductor current from an initial current value to the load
current level. During this interval, the difference between the inductor current and the transient current level must
be supplied by the output capacitor(s). The output capacitance is minimized if faster loop compensation is used.
Also, if the load transient rise time is slower than the inductor response time, it reduces the requirement on the
output capacitor.
PUPPER
IOUT
2
 r
DS ON

 V
OUT

VIN
-----------------------------------------------------------------------
IOUT
 V
IN
 t
SW
 f
SW

2
-----------------------------------------------------------------
+
=
(EQ. 16)
PLOWER
IOUT
2
 r
DS ON

 V
IN
VOUT
–

VIN
---------------------------------------------------------------------------------------
=
(EQ. 17)
I
LBuck
VIN VOUT
–
 V
OUT

fSW
 L
 V
IN

----------------------------------------------------------
=
(EQ. 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com