Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL1Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL81802EVAL1Z
Description  80V Dual Synchronous Buck Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL1Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL81802EVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ISL81802
R16DS0033EU0101 Rev.1.01
Page 2 of 44
Oct.15.20
Figure 1. Typical Application Diagram
Figure 2. Efficiency (VOUT = 12V, CC Mode)
ISL81802 TQFN
VDD
SS/TRK2/OV
RT/SYNC
FB2/PFMEN
PGND
SGND
VCC5V
COMP2/CLKEN
PHASE2
LG1/PWM_MODE
PHASE1
UG1
BOOT1
UG2
BOOT2
LG2/OC_MODE
VDD
VIN
VOUT
VDD
SS/TRK1
FB1
COMP1
CLKOUT/DITHER
PLL_COMP
EPAD
80
82
84
86
88
90
92
94
96
98
100
0
5
10
15
20
Output Current (A)
Vin = 18V
Vin = 24V
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com