Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL1Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL81802EVAL1Z
Description  80V Dual Synchronous Buck Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL1Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL81802EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL81802EVAL1Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ISL81802
2. Specifications
R16DS0033EU0101 Rev.1.01
Page 13 of 44
Oct.15.20
UVLO1 Rise Threshold
VUVLO1_THR
VIN > 5.6V
1.77
1.80
1.83
V
UVLO1 Hysteresis Current
IUVLO1_HYST
VIN = 12V, EN/UVLO = 1.815V
2.5
4.4
6.0
µA
EN2 Rise Threshold
VEN2SS_THR
VIN > 5.6V
0.75
1.05
1.30
V
EN2 Fall Threshold
VEN2SS_THF
VIN > 5.6V
0.60
0.90
1.10
V
EN2 Hysteresis
VEN2SS_HYST
VIN > 5.6V
70
150
300
mV
UVLO2 Rise Threshold
VUVLO2_THR
VIN > 5.6V
1.77
1.80
1.83
V
UVLO2 Hysteresis Current
IUVLO2_HYST
VIN = 12V, EN/UVLO = 1.815V
2.5
4.4
6.0
µA
Soft-Start Current
SS/TRK1 Soft-Start Charge Current
ISS1
SS/TRK = 0V
2.00
µA
SS/TRK2 Soft-Start Charge Current
ISS2
SS/TRK = 0V
2.00
µA
Default Internal Minimum Soft-Starting
Default Internal Output Ramping Time1
tSS1_MIN
SS/TRK open
1.7
ms
Default Internal Output Ramping Time2
tSS2_MIN
SS/TRK open
1.7
ms
Power-Good Monitors
PGOOD Upper Threshold
VPGOV
107
109
112
%
PGOOD Lower Threshold
VPGUV
87
90
92
%
PGOOD Low Level Voltage
VPGLOW
I_SINK = 2mA
0.35
V
PGOOD Leakage Current
IPGLKG
PGOOD = 5V
0
150
nA
PGOOD Timing
VOUT Rising Threshold to PGOOD
Rising (Note 9)
tPGR
1.1
5
ms
VOUT Falling Threshold to PGOOD
Falling
tPGF
80
µs
Reference Section
Internal Voltage Loop Reference
Voltage
VREFV
0.800
V
Reference Voltage Accuracy
TA = 0°C to +85°C
-0.75
+0.75
%
TA = -40°C to +125°C
-1.00
+1.00
%
Internal Current Loop Reference
Voltage
VREFI
1.200
V
Reference Voltage Accuracy
TA = 0°C to +85°C
-0.75
+0.75
%
TA = -40°C to +125°C
-1.00
+1.00
%
PWM Controller Error Amplifiers
FB_1 Pin Bias Current
IFBOUTLKG1
-50
0
+50
nA
FB_1 Error Amp GM
Gm1
1.75
mS
FB_1 Error Amp Voltage Gain
AV1
82
dB
FB_1 Error Amp Gain-BW Product
GBW1
8
MHz
FB_1 Error Amp Output Current
Capability
300
µA
FB_2 Pin Bias Current
IFBOUTLKG2
-50
0
+50
nA
FB_2 Error Amp GM
Gm2
1.75
mS
Recommended operating conditions unless otherwise noted. See the Block Diagram and Typical Application Schematics. VIN = 4.5V to 80V,
or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless otherwise specified.
Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com