Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2864D Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 3Page - Renesas Technology Corp TW2864D Datasheet HTML 4Page - Renesas Technology Corp TW2864D Datasheet HTML 5Page - Renesas Technology Corp TW2864D Datasheet HTML 6Page - Renesas Technology Corp TW2864D Datasheet HTML 7Page - Renesas Technology Corp TW2864D Datasheet HTML 8Page - Renesas Technology Corp TW2864D Datasheet HTML 9Page - Renesas Technology Corp TW2864D Datasheet HTML 10Page - Renesas Technology Corp TW2864D Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 7 of 110
September 28, 2012
Pin Configuration
99
TEST
100
RSTB
78
VDDA
77
SADD[0]
76
SADD[1]
49
VD2[0]
48
VD2[1]
31
VD3[1]
29
VSS
34
CLKPO
32
VSS
37
CLKI
36
VDDI
39
VD2[7]
40
VDDO
41
VD2[6]
42
VD2[5]
44
VSS
43
VD2[4]
45
VD2[3]
47
VSS
46
VD2[2]
50
VDDI
98
VDDV
97
VIN4
96
VSSV
95
VSSV
94
VIN3
93
VDDV
92
VDDV
91
VIN2
90
VSSV
89
VSSV
88
VIN1
87
VDDV
86
VDDA
85
AIN4
84
AIN3
83
AIN2
82
AIN1
81
VSSA
80
VSSA
79
AOUT
38
MPP2
27
VD3[4]
28
VD3[3]
30
VD3[2]
26
VDDI
33
VD3[0]
35
CLKNO
TW2864
100pin LQFP(12x12)
Pin Descriptions
Analog Video/Audio Interface Pins
NAME
NUMBER
TYPE
DESCRIPTION
VIN1
88
A
Composite video input of channel 1.
VIN2
91
A
Composite video input of channel 2.
VIN3
94
A
Composite video input of channel 3.
VIN4
97
A
Composite video input of channel 4.
AIN1
82
A
Audio input of channel 1.
AIN2
83
A
Audio input of channel 2.
AIN3
84
A
Audio input of channel 3.
AIN4
85
A
Audio input of channel 4.
AOUT
79
A
Audio mixing output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com