Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2864D Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 5Page - Renesas Technology Corp TW2864D Datasheet HTML 6Page - Renesas Technology Corp TW2864D Datasheet HTML 7Page - Renesas Technology Corp TW2864D Datasheet HTML 8Page - Renesas Technology Corp TW2864D Datasheet HTML 9Page - Renesas Technology Corp TW2864D Datasheet HTML 10Page - Renesas Technology Corp TW2864D Datasheet HTML 11Page - Renesas Technology Corp TW2864D Datasheet HTML 12Page - Renesas Technology Corp TW2864D Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 9 of 110
September 28, 2012
System Control Pins
NAME
NUMBER
TYPE
DESCRIPTION
RSTB
100
I
System reset.
CLKI
37
I
System clock input.27/54/108MHz
CLKPO
34
O
27/54/108MHz clock output.
CLKNO
35
O
27/54/108MHz clock output.
TEST
99
I
Test pin. Connect to ground.
SCLK
2
I
Serial control clock line.
SDAT
3
IO
Serial control data line.
SADD[1:0]
76,77
I
Serial control address.
IRQ
5
O
Interrupt request output.
Power and Ground Pins
NAME
NUMBER
TYPE
DESCRIPTION
VDDI
4,16,26,
36,50,60,72
P
1.8V Power for internal logic.
VDDO
10,22,40,
54,66
P
3.3V Power for output driver.
VSS
1,7,13,25,29,32,44,47,51,
63,69,75
G
Ground for internal logic and output driver.
VDDV
87,92,93,98
P
1.8V Power for analog video.
VSSV
89,90,95,96
G
Ground for analog video.
VDDA
78,86
P
1.8V Power for analog audio.
VSSA
80,81
G
Ground for analog audio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com