Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2864D Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 6Page - Renesas Technology Corp TW2864D Datasheet HTML 7Page - Renesas Technology Corp TW2864D Datasheet HTML 8Page - Renesas Technology Corp TW2864D Datasheet HTML 9Page - Renesas Technology Corp TW2864D Datasheet HTML 10Page - Renesas Technology Corp TW2864D Datasheet HTML 11Page - Renesas Technology Corp TW2864D Datasheet HTML 12Page - Renesas Technology Corp TW2864D Datasheet HTML 13Page - Renesas Technology Corp TW2864D Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 10 of 110
September 28, 2012
Functional Description
Video Input Formats
The TW2864 has build-in automatic standard discrimination circuitry. The circuit uses burst-phase, burst-frequency
and frame rate to identify NTSC, PAL or SECAM color signals. The standards that can be identified are NTSC (M), NTSC
(4.43), PAL (B, D, G, H, I), PAL (M), PAL (N), PAL (60) and SECAM (M). Each standard can be included or excluded in
the standard recognition process by software control. The exceptions are the base standard NTSC and PAL, which are
always enabled. The identified standard is indicated by the Standard Selection (SDT) register. Automatic standard
detection can be overridden by software controlled standard selection.
TW2864 supports all common video formats as shown in Table 1.
TABLE 1. VIDEO INPUT FORMATS SUPPORTED BY THE TW2864
FORMAT
LINES
FIELDS
FSC
COUNTRY
NTSC-M
525
60
3.579545 MHz
U.S., many others
NTSC-Japan
(Note Note:)
525
60
3.579545 MHz
Japan
PAL-B, G, N
625
50
4.433619 MHz
Many
PAL-D
625
50
4.433619 MHz
China
PAL-H
625
50
4.433619 MHz
Belgium
PAL-I
625
50
4.433619 MHz
Great Britain, others
PAL-M
525
60
3.575612 MHz
Brazil
PAL-CN
625
50
3.582056 MHz
Argentina
SECAM
625
50
4.406MHz 4.250MHz
France, Eastern Europe, Middle
East, Russia
PAL-60
525
60
4.433619 MHz
China
NTSC (4.43)
525
60
4.433619 MHz
Transcoding
NOTE:
2.
NTSC-Japan has 0 IRE setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com