Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2864D Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 16Page - Renesas Technology Corp TW2864D Datasheet HTML 17Page - Renesas Technology Corp TW2864D Datasheet HTML 18Page - Renesas Technology Corp TW2864D Datasheet HTML 19Page - Renesas Technology Corp TW2864D Datasheet HTML 20Page - Renesas Technology Corp TW2864D Datasheet HTML 21Page - Renesas Technology Corp TW2864D Datasheet HTML 22Page - Renesas Technology Corp TW2864D Datasheet HTML 23Page - Renesas Technology Corp TW2864D Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 20 of 110
September 28, 2012
FIGURE 7. THE EFFECT OF CROPPING REGISTERS
Video Scaler
The TW2864 can independently reduce the output video image size in both horizontal and vertical directions using
arbitrary scaling ratios up to 1/16 in each direction. The horizontal scaling employs a dynamic 6-tap 32-phase
interpolation filter for luma and a 2-tap 8-phase interpolation filter for chroma because of the limited bandwidth of
the chroma data. The vertical scaling uses simple line dropping algorithm. Therefore, the use of non-integer vertical
scaling ration is not recommended.
Downscaling is achieved by programming the horizontal scaling ratio register (HSCALE) and vertical scaling ratio
register (VSCALE). When outputting unscaled video, the TW2864 will output CCIR601 compatible 720 pixels per line
or any number of pixels per line as specified by the HACTIVE register. The standard output for Square Pixel mode is
640 pixels for 60 Hz system and 768 pixels for 50 Hz systems. If the number of output pixels required is smaller than
720 in CCIR601 compatible mode or the number specified by the HACTIVE register, the 12-bit HSCALE register, which
is the concatenation of two 8-bit registers SCALE_HI and HSCALE_LO, is used to reduce the output pixels to the
desired number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com