Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBLS Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # CYT4DNJBLS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBLS Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button CYT4DNJBLS Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 20Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 24Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 25Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 209 page
background image
Datasheet
22
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
CYT4DN address map
4
CYT4DN address map
The CYT4DN microcontroller supports the memory spaces shown in Figure 4-1.
• 6336 KB (6080 KB + 256 KB) of code-flash, used in the single- or dual-bank mode based on the associated bit in
the flash control register4
- Single-bank mode: 6336 KB
- Dual-bank mode: 3168 KB per bank
• 128 KB (92 KB + 32 KB) of work-flash, used in the single- or dual-bank mode based on the associated bit in the
flash control register
- Single-bank mode: 128 KB
- Dual-bank mode: 64 KB per bank
• 64 KB of secure ROM
• 640 KB of SRAM (First 2 KB is reserved for internal usage)
• 64 KB of Instruction TCM for each Cortex®-M7 CPU
• 64 KB of Data TCM for each Cortex®-M7 CPU
• 512 MB SMIF XIP1
• 512 MB SMIF XIP2
• 4096 KB of VRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com