Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBLS Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # CYT4DNJBLS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBLS Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button CYT4DNJBLS Datasheet HTML 33Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 34Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 35Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 36Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 37Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 38Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 39Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 40Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 209 page
background image
12
Power pin assignments
Table 12-1
Power pin assignments
Name
Package
Description
327-BGA
VDDD
F10, K15, R11, M6
Main supply for SRSS
VDDIO_GPIO_0
F15
Supply for GPIO0 (2.7 V - 5.5 V)
VDDIO_GPIO_1
F14
Supply for GPIO1 (2.7 V - 5.5 V)
VDDIO_GPIO_2
F11
Supply for GPIO2 (2.7 V - 5.5 V)
VDDIO_HSIO
N6, R7, R8, R9, R6
Supply for HSIO domain (3.0 V - 3.6 V)
VDDIO_SMC
F7, F8, F6
Supply for GPIO_SMC (2.7 V - 5.5 V)
VDDIO_SMIF
J6, G6, H6
1.8V supply for 200 MHz HSIO
VDDIO_SMIF_HV
K6, L6
3.3V supply for 200 MHz HSIO
VCCD[31]
F9, G15, H15, R10, P6
Main regulated supply. Driven by LDO regulator
VDDPLL_FPD0
P15
Dedicated supplies for FPD0 (1.09 V - 1.21 V)
VDDPLL_FPD1
N15
Dedicated supplies for FPD1 (1.09 V - 1.21 V)
VDDA_ADC
F12
Main analog supply (for PASS/SAR, 2.7 V - 5.5 V)
VDDA_DAC
J15
Supply for DAC (3.0 V - 3.6 V)
VDDA_FPD0
R14
Dedicated supplies for FPD0 (1.09 V - 1.21 V)
VDDA_FPD1
M15
Dedicated supplies for FPD1 (1.09 V - 1.21 V)
VDDA_MIPI
R13, V14, R12
Dedicated supplies for MIPI (1.09 V - 1.21 V)
VDDHA_FPD0
R19, R20, P17, P18
Dedicated supplies for FPD0 (3.0 V - 3.6 V)
VDDHA_FPD1
M17, M18, N19, N20
Dedicated supplies for FPD1 (3.0 V - 3.6 V)
VREFH
F13
High reference voltage for SAR
VREFL
D13
Low reference voltage for SAR
VSS
A1, A20, H13, E20, F19, G20, H9, H10, H11, H12, J8, J9, J10, J11, J12, J13, K8, K9, K10, K11, K12, K13, L8, L9, L10, L11,
L12, L13, N1, M8, M9, M10, M11, M12, M13, N8, N9, N10, N11, N12, N13, Y1, H4
Main digital ground
VSSA_ADC
D12
Main analog ground
VSSA_DAC
G17, G18
Ground for DAC
VSSA_FPD0
U16, V17, V18, W17, W19, W20, Y17, Y19, Y20, R15, T17, T18, U19, U20
Dedicated ground for FPD0
VSSA_FPD1
J19, J20, K17, K18, L19, L20, L15
Dedicated ground for FPD1
VSSA_MIPI
U12, V12, V16, W11, W13, W15, Y11, Y13, Y15
Dedicated ground for MIPI
Note
31.The VCCD pins must be connected together to ensure a low-impedance connection (see the requirement in Figure 26-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com