Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBLS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # CYT4DNJBLS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBLS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button CYT4DNJBLS Datasheet HTML 6Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 9Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 209 page
background image
Datasheet
10
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Blocks and functionality
2Blocks and functionality
Block diagram
The Block diagram shows a simplified view of the interconnection between subsystems and blocks. CYT4DN has
five major subsystems: CPU, system resources, peripherals, graphics, and I/O[4,5,6,7,8]. The color-coding shows
the lowest power mode where the particular block is still functional.
CYT4DN provides extensive support for programming, testing, debugging, and tracing of both hardware and
firmware.
Debug-on-chip functionality enables in-system debugging using the production device. It does not require
special interfaces, debugging pods, simulators, or emulators.
The JTAG interface is fully compatible with industry-standard third-party probes such as I-jet, J-Link, and GHS.
The debug circuits are enabled by default.
CYT4DN provides a high level of security with robust flash protection and the ability to disable features such as
debug.
Additionally, each device interface can be permanently disabled for applications concerned with phishing
attacks due to a maliciously reprogrammed device or attempts to defeat security by starting and interrupting
flash programming sequences. All programming, debug, and test interfaces are disabled when maximum device
security is enabled.
IO Subsystem
Peripheral Interconnect (MMIO,PPU)
PCLK
49x GPIO_STD, 8x GPIO_ENH, 24x GPIO_SMC, 18x HSIO_STD, 43x HSIO_STDLN, 22x HSIO_ENH, 4x HSIO_ENH_DIFF
CPU Subsystem
System Interconnect (Multi Layer AXI/AHB, IPC, MPU/SMPU)
High Speed I/O Matrix, Smart I/O, Boundary Scan
CYT4DN
MXS40-HT
ASIL-B
Digital DFT
Test
Analog DFT
System Resources
Power
Reset
Sleep Control
PWRSYS-HT
REF
POR
Reset Control
TestMode Entry
XRES
LVD
BOD
DeepSleep
Hibernate
Active/Sleep
LowePowerActive/Sleep
Power Modes
OVD
Clock
Clock Control
IMO
WDT
CSV
8xPLL
ECO
FLL
1x Smart IO
SWJ/ETM/ITM/CTI
NVIC, MPU, AXI
Cortex M7
320 MHz
FPU
(SP/DP)
D$
16KB
I$
16KB
AHBS
AHBP
ITCM
64 KB
DTCM
64 KB
SWJ/ETM/ITM/CTI
NVIC, MPU, AXI
Cortex M7
320 MHz
FPU
(SP/DP)
D$
16 KB
I$
16 KB
AHBS
AHBP
ITCM
64 KB
DTCM
64 KB
eCT FLASH
6336 KB Code-flash
+ 128 KB Work-flash
FLASH Controller
8 KB $
Prog.
Analog
SAR ADC
(12-bit)
x1
RTC
2xILO
SARMUX
48 ch
CRYPTO
AES,SHA,CRC,
TRNG,RSA,ECC
Initiator/MMIO
SWJ/MTB/CTI
MUL, NVIC, MPU
Cortex M0+
100 MHz
SRAM0
256 KB
SRAM
Controller
ROM
64 KB
ROM Controller
LDO
WCO
SRAM1
256 KB
SRAM
Controller
GFX Subsystem
GFX Interconnect (AXI)
VRAM
4096 KB
VRAM Controller
LPECO
SRAM2
128 KB
SRAM
Controller
3x MCWDT
Notes
4. GPIO_STD supporting 2.7 V to 5.5 V VDDIO range.
5. GPIO_ENH supporting 2.7 V to 5.5 V VDDIO range with higher currents at lower voltages.
6. GPIO_SMC supporting 2.7 V to 5.5 V VDDIO range with currents higher than GPIO_ENH.
7. HSIO_STD/HSIO_STDLN supporting 3.0 V to 3.6 V VDDIO range with high-speed signaling and programmable drive strength.
8. HSIO_ENH and HSIO_ENH_PDIFF supporting 1.7 V to 2.0 V VDDIO range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com