Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBLS Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # CYT4DNJBLS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBLS Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button CYT4DNJBLS Datasheet HTML 72Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 73Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 74Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 75Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 76Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 77Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 78Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 79Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 209 page
background image
Datasheet
76
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral protection unit fixed structure pairs
22
Peripheral protection unit fixed structure pairs
Protection pair is a pair PPU structures, a master, and a slave structure. The master structure protects the slave
structure, and the slave structure protects resources such as peripheral registers, or the peripheral itself.
Refer to Table 6-1 for the FX PPU Base address.
Table 22-1
PPU fixed structure pairs
Pair
No.
PPU Fixed Structure Pair
Address
Size
Description
0
PERI_MAIN
0x40000200
0x00000040 Peripheral Interconnect main
1
PERI_SECURE
0x40002000
0x00000004 Peripheral interconnect secure
2
PERI_GR0_GROUP
0x40004010
0x00000004 Peripheral Group #0 main
3
PERI_GR1_GROUP
0x40004050
0x00000004 Peripheral Group #1 main
4
PERI_GR2_GROUP
0x40004090
0x00000004 Peripheral Group #2 main
5
PERI_GR3_GROUP
0x400040C0
0x00000020 Peripheral Group #3 main
6
PERI_GR4_GROUP
0x40004100
0x00000020 Peripheral Group #4 main
7
PERI_GR5_GROUP
0x40004140
0x00000020 Peripheral Group #5 main
8
PERI_GR6_GROUP
0x40004180
0x00000020 Peripheral Group #6 main
9
PERI_GR8_GROUP
0x40004200
0x00000020 Peripheral Group #8 main
10
PERI_GR9_GROUP
0x40004240
0x00000020 Peripheral Group #9 main
11
PERI_GR10_GROUP
0x40004280
0x00000020 Peripheral Group #10 main
12
PERI_GR0_BOOT
0x40004020
0x00000004 Peripheral Group #0 boot
13
PERI_GR1_BOOT
0x40004060
0x00000004 Peripheral Group #1 boot
14
PERI_GR2_BOOT
0x400040A0
0x00000004 Peripheral Group #2 boot
15
PERI_GR3_BOOT
0x400040E0
0x00000004 Peripheral Group #3 boot
16
PERI_GR4_BOOT
0x40004120
0x00000004 Peripheral Group #4 boot
17
PERI_GR5_BOOT
0x40004160
0x00000004 Peripheral Group #5 boot
18
PERI_GR6_BOOT
0x400041A0
0x00000004 Peripheral Group #6 boot
19
PERI_GR8_BOOT
0x40004220
0x00000004 Peripheral Group #8 boot
20
PERI_GR9_BOOT
0x40004260
0x00000004 Peripheral Group #9 boot
21
PERI_GR10_BOOT
0x400042A0
0x00000004 Peripheral Group #10 boot
22
PERI_TR
0x40008000
0x00008000 Peripheral trigger multiplexer
23
PERI_MS_BOOT
0x40030000
0x00001000 Peripheral master slave boot
24
PERI_PCLK_MAIN
0x40040000
0x00004000 Peripheral clock main
25
CRYPTO_MAIN
0x40100000
0x00000400 Crypto main
26
CRYPTO_CRYPTO
0x40101000
0x00000800 Crypto MMIO (Memory Mapped I/O)
27
CRYPTO_BOOT
0x40102000
0x00000100 Crypto boot
28
CRYPTO_KEY0
0x40102100
0x00000004 Crypto Key #0
29
CRYPTO_KEY1
0x40102120
0x00000004 Crypto Key #1
30
CRYPTO_BUF
0x40108000
0x00002000 Crypto buffer
31
CPUSS_CM7_0
0x40200000
0x00000400 CM7_0 CPU core
32
CPUSS_CM7_1
0x40200400
0x00000400 CM7_1 CPU core
33
CPUSS_CM0
0x40201000
0x00001000 CM0+ CPU core
34
CPUSS_BOOT[44]
0x40202000
0x00000200 CPUSS boot
35
CPUSS_CM0_INT
0x40208000
0x00001000 CPUSS CM0+ interrupts
36
CPUSS_CM7_0_INT
0x4020A000
0x00001000 CPUSS CM7_0 interrupts
37
CPUSS_CM7_1_INT
0x4020C000
0x00001000 CPUSS CM7_1 interrupts
Note
44.Fixed PPU is configured inside the Boot and user is not allowed to change the attributes of this PPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com