| Electronic Components Datasheet Search |
|
PSD4235G2V-10UI Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-10UI Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 100 page ![]() PSD4256G6V 42/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Output Macrocell (OMC) Eight of the Output Macrocells (OMC) are con- nected to Ports A pins and are named as McellA0- McellA7. The other eight Macrocells are connect- ed to Ports B pins and are named as McellB0- McellB7. The Output Macrocell (OMC) architecture is shown in Figure 15, page 44. As shown in the fig- ure, there are native product terms available from the AND Array, and borrowed product terms avail- able (if unused) from other Output Macrocells (OMC). The polarity of the product term is con- trolled by the XOR gate. The Output Macrocell (OMC) can implement either sequential logic, us- ing the flip-flop element, or combinatorial logic. The multiplexer selects between the sequential or combinatorial logic outputs. The multiplexer output can drive a port pin and has a feedback path to the AND Array inputs. The flip-flop in the Output Macrocell (OMC) block can be configured as a D, T, JK, or SR type in the PSDsoft program. The flip-flop’s clock, preset, and clear inputs may be driven from a product term of the AND Array. Alternatively, the external CLKIN (PD1) signal can be used for the clock input to the flip-flop. The flip-flop is clocked on the rising edge of CLKIN (PD1). The preset and clear are active High inputs. Each clear input can use up to two product terms. Table 33. Output Macrocell Port and Data Bit Assignments Note: 1. D7-D0 are used for loading or reading in 8-bit mode. Output Macrocell Port Assignment Native Product Terms Maximum Borrowed Product Terms 16-bit MCU Loading or Reading(1) Motorola 16-bit MCU for Loading or Reading McellA0 Port A0 3 6 D0 D8 McellA1 Port A1 3 6 D1 D9 McellA2 Port A2 3 6 D2 D10 McellA3 Port A3 3 6 D3 D11 McellA4 Port A4 3 6 D4 D12 McellA5 Port A5 3 6 D5 D13 McellA6 Port A6 3 6 D6 D14 McellA7 Port A7 3 6 D7 D15 McellB0 Port B0 4 5 D8 D0 McellB1 Port B1 4 5 D9 D1 McellB2 Port B2 4 5 D10 D2 McellB3 Port B3 4 5 D11 D3 McellB4 Port B4 4 6 D12 D4 McellB5 Port B5 4 6 D13 D5 McellB6 Port B6 4 6 D14 D6 McellB7 Port B7 4 6 D15 D7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |