Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1337GCSRGI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 3Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 4Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 5Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 6Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 7Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 8Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 9Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 10Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
7
IDT1337G
REV M 073013
Clock and Calendar
The time and calendar information is obtained by reading
the appropriate register bytes. The RTC registers are
illustrated in Table 1. The time and calendar are set or
initialized by writing the appropriate register bytes. The
contents of the time and calendar registers are in the
binary-coded decimal (BCD) format.
The day-of-week register increments at midnight. Values
that correspond to the day of week are user-defined but
must be sequential (i.e., if 1 equals Sunday, then 2 equals
Monday, and so on). Illogical time and date entries result in
undefined operation.
When reading or writing the time and date registers,
secondary (user) buffers are used to prevent errors when
the internal registers update. When reading the time and
date registers, the user buffers are synchronized to the
internal registers on any start or stop and when the register
pointer rolls over to zero.
The countdown chain is reset whenever the seconds
register is written. Write transfers occur on the acknowledge
pulse from the device. To avoid rollover issues, once the
countdown chain is reset, the remaining time and date
registers must be written within 1 second. The 1Hz
square-wave output, if enable, transitions high 500ms after
the seconds data transfer, provided the oscillator is already
running.
The IDT1337G can be run in either 12-hour or 24-hour
mode. Bit 6 of the hours register is defined as the 12- or
24-hour mode-select bit. When high, the 12-hour mode is
selected. In the 12-hour mode, bit 5 is the AM/PM bit with
logic high being PM. In the 24-hour mode, bit 5 is the second
10-hour bit (20–23 hours). All hours values, including the
alarms, must be reinitialized whenever the 12/24-hour mode
bit is changed. The century bit (bit 7 of the month register)
is toggled when the years register overflows from 99–00.
Alarms
The IDT1337G contains two time of day/date alarms. Alarm
1 can be set by writing to registers 07h to 0Ah. Alarm 2 can
be set by writing to registers 0Bh to 0Dh. The alarms can be
programmed (by the INTCN bits of the Control Register) to
operate in two different modes—each alarm can drive its
own separate interrupt output or both alarms can drive a
common interrupt output. Bit 7 of each of the
time-of-day/date alarm registers are mask bits (Table 1).
When all of the mask bits for each alarm are logic 0, an
alarm only occurs when the values in the timekeeping
registers 00h–06h match the values stored in the
time-of-day/date alarm registers. The alarms can also be
programmed to repeat every second, minute, hour, day, or
date. Table 2 (Alarm Mask Bits table) shows the possible
settings. Configurations not listed in the table result in
illogical operation
The DY/DT bits (bit 6 of the alarm day/date registers) control
whether the alarm value stored in bits 0 to 5 of that register
reflects the day of the week or the date of the month. If
DY/DT is written to a logic 0, the alarm is the result of a
match with date of the month. If DY/DT is written to a logic
1, the alarm is the result of a match with day of the week.
When the RTC register values match alarm register
settings, the corresponding Alarm Flag (‘A1F’ or ‘A2F’) bit is
set to logic 1. If the corresponding Alarm Interrupt Enable
(‘A1IE’ or ‘A2IE’) is also set to logic 1, the alarm condition
activates one of the interrupt output (INTA or SQW/INTB)
signals. The match is tested on the once-per-second update
of the time and date registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com