Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1337GCSRGI Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 12Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 13Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 14Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 15Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 16Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 17Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 18Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 19Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
16
IDT1337G
REV M 073013
Note 1: Limits at -40°C are guaranteed by design and are not production tested.
Note 2: SCL only.
Note 3: SDA, INTA, and SQW/INTB.
Note 4: ICCA—SCL clocking at maximum frequency = 400 kHz, VIL = 0.0V, VIH = VCC.
Note 5: Specified with the I2C bus inactive, VIL = 0.0V, VIH = VCC.
Note 6: SQW enabled.
Note 7: Specified with the SQW function disabled by setting INTCN = 1.
Note 8: Using recommended crystal on X1 and X2.
Note 9: The device is fully accessible when 1.8 < VCC < 5.5 V. Time and date are maintained when 1.3 V < VCC <
1.8 V.
Note 10: After this period, the first clock pulse is generated.
Note 11: A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of
the SCL signal) to bridge the undefined region of the falling edge of SCL.
Note 12: The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW) of the SCL
signal.
Note 13: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > to 250 ns must
then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such
a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) +
tSU:DAT = 1000 + 250 = 1250 ns before the SCL line is released.
Note 14: CB—total capacitance of one bus line in pF.
Note 15: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com