Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1337GCSRGI Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 14Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 15Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 16Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 17Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 18Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 19Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 20Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 21Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
18
IDT1337G
REV M 073013
Typical Operating Characteristics
Thermal Characteristics for 8SOIC
Thermal Characteristics for 8MSOP
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
JA
Still air
150
C/W
JA
1 m/s air flow
140
C/W
JA
3 m/s air flow
120
C/W
Thermal Resistance Junction to Case
JC
40
C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
JA
Still air
95
C/W
Thermal Resistance Junction to Case
JC
48
C/W
Icc vs Vcc
200
300
400
500
600
700
800
900
1.3
2.3
3.3
4.3
5.3
Vcc (V)
INTCN=1
INTCN=0
IccA vs Vcc
0
2
4
6
8
10
1.3
2.3
3.3
4.3
5.3
Vcc (V)
ICCA
Icc vs Temperature
200
300
400
500
600
700
800
-40
-20
0
20
406080
Temperature (C)
INTCN=1
INTCN=0
Oscillator Frequency vs Vcc
(as measured on one IDT1337C sample)
32768.3
32768.32
32768.34
32768.36
32768.38
32768.4
1.3
2.3
3.3
4.3
5.3
Vcc(V)
Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com