Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1337GCSRGI Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 20Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 21Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 22Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 23Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 24Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 25Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 26Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 27Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
24
IDT1337G
REV M 073013
Package Outline and Package Dimensions (16-pin VFQFPN 3x3mm)
Package dimensions are kept current with JEDEC Publication No. 95
Millimeters
Symbol
Min
Max
A0.80
1.00
A1
0
0.05
A3
0.20 Reference
b0.18
0.30
e
0.50 BASIC
N16
ND
4
NE
4
D x E BASIC
3.00 x 3.00
D2
1.55
1.80
E2
1.55
1.80
L0.30
0.50
Sawn
Singulation
1
2
N
E
D
Index Area
Top View
Seating Plane
A3
A1
C
A
L
E2
E2
2
D2
D2
2
e
C
0.08
(Ref)
ND & NE
Odd
(Ref)
ND & NE
Even
(ND-1)x
(Ref)
e
N
1
2
b
Thermal Base
(Typ)
If ND & NE
are Even
(NE-1)x
(Ref)
e
e
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com