Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL5KUSB121 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KL5KUSB121
Description  USB to 10/100 Ethernet Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB121 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KL5KUSB121 Datasheet HTML 1Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 2Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 3Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
KL5KUSB121
USB to 10/100 Ethernet Controller
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
5
Ver. 1.1
PRELIMINARY
Pin #
LQFP
I/O
Pin Name
Description
98
IN/OUT
XD_14
External Data Pins
99
IN/OUT
XD_15
External Data Pins
100
IN
VDD
VDD
Function Description
16 Bit Processor
The integrated 16 bit processor serves as a micro controller for USB peripherals. The
processor can execute approximately five million instructions per second.
With this
processing power it allows the design of intelligent peripherals that can process data prior
to passing it on to the host PC, thus improving overall performance of the system. The
masked ROM (4K X 16) in the KL5KUSB121 or external memory contains a specialized
instruction set that has been designed for highly efficient coding of processing algorithms
and USB transaction processing.
The 16-bit processor is designed for efficient data execution by having direct access to
the RAM Buffer, external memory, I/O interfaces, and all the control and status registers.
The divide/multiply feature expands the capability of USB peripherals.
The processor supports prioritized vectored hardware interrupts. In addition, as many as
240 software interrupt vectors are available.
The processor provides six addressing modes, supporting memory-to-memory, memory-
to-register,
register-to-register,
immediate-to-register
or
immediate-to-memory
operations. Register, direct, immediate, indirect, and indirect indexed addressing modes
are supported. In addition, there is an auto-increment mode in which a register, used as
an address pointer is automatically incremented after each use, making repetitive
operations more efficient both from a programming and a performance standpoint.
The processor features a full set of program control, logical, and integer arithmetic
instructions.
All instructions are sixteen bits wide, although some instructions require
operands, which may occupy another one or two words.
Several special “ short
immediate” instructions are available, so that certain frequently used operations with
small constant operand will fit into a 16-bit instruction.
RAM Buffer
The USB controller contains a 3K byte (1.5K X 16) internal buffer memory. The memory
is used to buffer data and USB packets and accessed by the 16 Bit processor and the
SIE.
USB transactions are automatically routed to the memory buffer.
The 16-bit
processor has the ability to set up pointers and block sizes in buffer memory for USB
transactions. Data is read from the interface and is processed and packetized by the 16-
bit I/O processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com