Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL5KUSB121 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KL5KUSB121
Description  USB to 10/100 Ethernet Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB121 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB121 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
KL5KUSB121
USB to 10/100 Ethernet Controller
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
13
Ver. 1.1
PRELIMINARY
4.2 SRAM Write Access
Figure 4.2.1 SRAM Write AC Timing
Table 4.2.1 SRAM Write AC Characteristics (over recommended range)
Symbol
Parameter
Min
Typ
Max
Unit
Not
e
Twc
SRAM write cycle
31.25
ns
1,2
Fwc
SRAM write frequency
32
MH
z
1,2
Tdaw
SRAMWEN assert
delay
from SRAMA valid
0
ns
2
Tdwa
SRAMA invalid delay
from SRAMWEN
negate
0
ns
2
Tdcw
SRAMWEN assert
delay
from SRAMCSN assert
0
ns
2
Tdwc
SRAMCSN negate
delay
from SRAMWEN
negate
0
ns
2
Tpwe
SRAMWEN low width
25
ns
2
Tdrv
SRAMD drive delay
from SRAMWEN
assert
0
ns
2
Tval
SRAMD valid
from SRAMWEN
assert
15
ns
2
Tts
SRAMD hold time
from SRAMWEN rise
0
ns
2
Note: 1) Same as the USB to Ethernet internal clock cycle time 1T (31.25 ns).
2) Outputs are assumed to have 30pF external capacitive load.
SRAMA14-0
(OUT)
SRAMOEN
(OUT)
SRAMCSN
(OUT)
SRAMWEN
(OUT)
SRAMD7-0
(OUT)
Tdwa
valid
Twc
valid
Tpwe
Tts
Tdaw
Tdcw
Tdwc
Tval
Tdrv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com