Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL5KUSB121 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # KL5KUSB121
Description  USB to 10/100 Ethernet Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB121 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB121 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
KL5KUSB121
USB to 10/100 Ethernet Controller
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
9
Ver. 1.1
PRELIMINARY
AC CHARACTERISTICS
U2E chip has 4 types of interfaces – USB port, Ethernet PHY port, SRAM
port and Serial EEPROM port. AC timing of these interfaces are described
below along with appropriate timing charts. Chip also requires the AC timing
of system clock input CLKI and system reset RESETN.
1. CLKI and RESETN Signal
Figure 1.1 CLKI and RESETN AC Timing
Table 1.1 CLKI AC Characteristics (over recommended range)
Symbol
Parameter
Min
Typ
Max
Unit
Not
e
Tpck
CLKI one cycle time
20.83
ns
1
Fck
CLKI frequency
48
MH
z
1
Tckh
CLKI high time
10
ns
1
Tckl
CLKI low time
10
ns
1
Note: 1) The clock is used as an USB sampling clock and to
generate the internal 32MHz clock pulse.
Table 1.2 RESETN AC characteristics (over recommended range)
Symbol
Parameter
Min
Typ
Max
Unit
Not
e
Tprst
RESETN low pulse
width
10
Tpc
k
2
Note: 2) RESETN is an asynchronous, low assert, reset signal.
Minimum assertion is 10 times of Tpck (210 ns).
2. USB Interface
The USB signals – VP and VM are the pair signals of the differential output driver and
receiver. The USB to Ethernet operates under USB Full speed (12Mb/s).
USB signals are fully compatible with USB spec rev 1.1.
Tpck
Tckh
Tckl
CLKI
(IN)
Tprst
RESETN
(IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com