Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL5KUSB121 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KL5KUSB121
Description  USB to 10/100 Ethernet Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB121 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB121 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB121 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
KL5KUSB121
USB to 10/100 Ethernet Controller
Kawasaki LSI
2570 North First Street Suite 301 San Jose, CA 95131 Tel: (408) 570-0555 Fax: (408) 570-0567 www.klsi.com
8
Ver. 1.1
PRELIMINARY
2. Recommended Operating Conditions
Table 5.2 Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating supply voltage
Vdd
3.0
3.6
V
Operating ambient temperature
Ta
0
70
°C
3. I/O Electrical DC Characteristics (Over Recommended Range)
Table 3.1 DC Characteristics (over recommended range)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Input low voltage
VIL
0.8
V
Input high voltage
VIH
2.0
V
Input low current
IIL
–10
10
uA
VIN = Gnd
Input high current
IIH
–10
10
uA
VIN = Vdd
Output low voltage
VOL
0.4
V
IOL = 4mA
Output high voltage
VOH
2.4
V
IOH = –4mA
3-state leak current
IOZ
–10
10
uA
VOH = Gnd or VOL =
Vdd
Active pull-up current
IPU
–25
–66
–160
uA
VIN = Gnd or VOH =
Gnd
Standby current
IDDS
80
100
uA
VIN = Gnd or Vdd
No inputs are cycling.
Outputs open.
Suspend current
ISUSP
350
450
uA
Same conditions as
IDDS
except for CLKI input
buffer 48MHz toggling.
IDDOP1
(in busy)
80
100
mA
dynamic operating
current
IDDOP2
(in idle)
40
50
mA
Outputs open.
Vdd = Max.
FCLKI = FMAX (
48MHz )
Input capacitance
CIN
15
pF
Output capacitance
COUT
15
pF
Fpin=1MHz, VIN =
Gnd.
Vin = 100 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com