Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSGS4M-RJ45S-4413-1M Datasheet(PDF) 6 Page - Turck, Inc.

Part # PSGS4M-RJ45S-4413-1M
Description  Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PSGS4M-RJ45S-4413-1M Datasheet(HTML) 6 Page - Turck, Inc.

  PSGS4M-RJ45S-4413-1M Datasheet HTML 1Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 2Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 3Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 4Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 5Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 6Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 7Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 8Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Compact Multiprotocol I/O Module for Ethernet
8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
TBEN-S1-8DXP
6 / 8
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
Process Data Mapping of the Single Protocols
For more details on the corresponding protocols see manual.
Modbus TCP
Register Addressing (16-bit)
Offset Process Input Data: 0x0000, structure acc. to general register mapping
Offset Process Output Data: 0x0800: Structure acc. to general register mapping
Ethernet/IP
Word Addressing (16-bit)
Process Input Data (Station -> Scanner)
Status Word is located in front of the general process data!
Reg/
Word
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
GW status
0x0000
-
FCE
-
-
CFG COM V1
-
V2
-
-
-
-
-
-
Diag
Warn
0x0001
…
Structure acc. to general register mapping
Process Output Data (Scanner -> Station)
Control-Word is located in front of the general process data!
Reg/
Word
Bit
15
Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
Control
0x0000
Reserved
0x0001
…
Structure acc. to general register mapping
PROFINET:
Byte addressing (8-bit)
Offset Process Input Data: 0x0000, structure acc. to general register mapping
Offset Process Output Data: 0x0000: Structure acc. to general register mapping
General Register Mapping
Address details are relative. Observe offset of respective protocol
Channel Assignment/Port/Pin:
-
-
-
-
-
-
-
-
Ch7 Ch6 Ch5 Ch4 Ch3 CH2 CH1 CH0
Channel
-
-
-
-
-
-
-
-
DX7 DX6 DX5 DX4 DX3 DX2 DX1 DX0
Port
Pin
-
-
-
-
-
-
-
-
C7
P4
C6
P4
C5
P4
C4
P4
C3
P4
C2
P4
C1
P4
C0
P4
Process Input Data:
Reg/
Word
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
Byte Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
MSB
LSB
Digital Inputs
8DIP
0x0000
0x0000 -
-
-
-
-
-
-
-
DX7 DX6 DX5 DX4 DX3 DX2 DX1 DX0
Diagnostics
0x0001
0x0002 ERR7 ERR6 ERR5 ERR4 ERR3 ERR2 ERR1 ERR0 -
-
-
-
-
-
VERR
V2
CH47
VERR
V1
CH03
Latch input
0x0002
0x0004 -
-
-
-
-
-
-
-
DX7 DX6 DX5 DX4 DX3 DX2 DX1 DX0
Counter Ch0
0x0003
0x0006
Counter value LSB
0x0004
0x0008
Counter value MSB
Frequency Ch0 0x0005
0x000A
Frequency MSB
Frequency LSB
Status
0x0006
0x000C -
-
-
-
-
-
-
-
Status
PWM Diagnos-
tics
Ch3
0x0007
0x000E -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PWM
OUT
ERR
PWM Diagnos-
tics
Ch7
0x0008
0x0010 -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PWM
OUT
ERR
Module Status 0x0009
0x0012 -
FCE -
-
-
COM V1
-
V2
-
-
-
-
-
-
DIAG
Process Output Data:
Reg/
Word
Bit
15
Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
Byte Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 Bit 0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com