Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSGS4M-RJ45S-4413-1M Datasheet(PDF) 7 Page - Turck, Inc.

Part # PSGS4M-RJ45S-4413-1M
Description  Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PSGS4M-RJ45S-4413-1M Datasheet(HTML) 7 Page - Turck, Inc.

  PSGS4M-RJ45S-4413-1M Datasheet HTML 1Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 2Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 3Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 4Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 5Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 6Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 7Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 8Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Compact Multiprotocol I/O Module for Ethernet
8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
TBEN-S1-8DXP
7 / 8
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
Digital Outputs
8DXP
0x0000
0x0000 -
-
-
-
-
-
-
-
DX7 DX6 DX5 DX4 DX3 DX2 DX1 DX0
Latch Reset
0x0001
0x0002 -
-
-
-
-
-
-
-
DX7 DX6 DX5 DX4 DX3 DX2 DX1 DX0
Control
0x0002
0x0004 -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
CNT_
RST
PWM Ch3
0x0003
0x0006 -
-
-
-
-
-
-
-
Duty cycle
PWM Ch7
0x0004
0x0008 -
-
-
-
-
-
-
-
Duty cycle
Legend:
V1
Undervoltage V1
CFG
I/O configuration error
V2
Undervoltage V2
FCE
I/O-ASSISTANT Force Mode active
Cx
Port x
Px
Pin x
DIx
Digital input channel x
DOx
Digital output channel x
Diag
Module diagnostics available
ERR x
Overcurrent output channel x
VERRVxCHyz Overcurrent supply VAUXx channel y to z
PWMOUTERR
Overcurrent PWM output
VERRVxPyCz Overcurrent supply VAUXx, pin y, port z
VAUXxPyCz
Supply VAUXx, pin y, port z
CNT_RST
Counter reset



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com