Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSGS4M-RJ45S-4413-1M Datasheet(PDF) 5 Page - Turck, Inc.

Part # PSGS4M-RJ45S-4413-1M
Description  Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PSGS4M-RJ45S-4413-1M Datasheet(HTML) 5 Page - Turck, Inc.

  PSGS4M-RJ45S-4413-1M Datasheet HTML 1Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 2Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 3Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 4Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 5Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 6Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 7Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 8Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Compact Multiprotocol I/O Module for Ethernet
8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
TBEN-S1-8DXP
5 / 8
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
Module Status LED
LED
Color
Status
Description
ETH1 / ETH2
Green
ON
Ethernet link (100 Mbps)
flashing
Ethernet communication (100 Mbps)
Yellow
ON
Ethernet link (10 Mbps)
flashing
Ethernet communication (10 Mbps)
OFF
No Ethernet link
BUS
Green
ON
Active connection to a master
Flashing
Steady flashing: Ready
Sequence of 3 flashes in 2 seconds: FLC/ARGEE active
Red
ON
IP address conflict or Restore Mode or Modbus timeout
Flashing
Blink/Wink command active
Red/
Green
Alternating
Waiting for assignment of an IP address, DHCP or BootP
OFF
Power off
Green
On
No diagnostics available
Red
On
Diagnostics available
Undervoltage diagnosis response is parameter dependent
LED response master in the Beep network:
Green
1 Hz, 250 ms off
Cyclical IO data exchange
Green/red 1 Hz, 250 ms red
Cyclical IO data exchange, diagnostics available
Green/red 1 Hz, alternating
Discovery mode active
ERR
Red
Discovery mode active, diagnostics available
PWR
Green
On
V
1
and V
2
power supply OK
Red
On
V
2
power supply off or V
2
undervoltage
Off
V
1
power supply off or V
1
undervoltage
LED Status I/O
LED
Color
Status
Description
LED 0 … 7
Green
ON
Input or output active
ON
Output active with overload/short circuit
Red
Flashing
Overload of the port supply. All LEDs of the affected group C0-C3 or C4-C7 are flashing.
OFF
Input or output inactive
LED 7
White
Flashing
Blink/Wink command active



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com