Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSGS4M-RJ45S-4413-1M Datasheet(PDF) 1 Page - Turck, Inc.

Part # PSGS4M-RJ45S-4413-1M
Description  Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PSGS4M-RJ45S-4413-1M Datasheet(HTML) 1 Page - Turck, Inc.

  PSGS4M-RJ45S-4413-1M Datasheet HTML 1Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 2Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 3Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 4Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 5Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 6Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 7Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 8Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Compact Multiprotocol I/O Module for Ethernet
8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
TBEN-S1-8DXP
1 / 8
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
Type
TBEN-S1-8DXP
ID
6814023
Supply
Supply voltage
24 VDC
Admissible range
18…30 VDC
Total current max. 4 A per voltage group
Total current V1 + V2 max. 5.5 A at 70 °C per mod-
ule
Voltage supply connection
2 × M8, 4-pin
Operating current
V1: max. 150 mA
Sensor/actuator supply
Supply ports C0-C3 from V1
short-circuit proof, 0.5 A for group C0-C3
Sensor/actuator supply
Supply ports C4-C7 from V2
short-circuit proof, 0.5 A for group C4-C7
Electrical isolation
galvanic isolation of the voltage groups V1 and V2,
voltages up to 500 VAC
System data
Fieldbus transmission rate
10/100 Mbps
Fieldbus connection technology
2 × M8, 4-pin
Protocol detection
automatic
Web server
default: 192.168.1.254
Service interface
Ethernet via P1 or P2
BEEP functionality
Supported
Field Logic Controller (FLC)
ARGEE Firmware Version
3.1.4.0
ARGEE Engineering Version
2.0.24.0
Modbus TCP
Addressing
Static IP, DHCP
Supported function codes
FC1, FC2, FC3, FC4, FC5, FC6, FC15, FC16, FC23
Number of TCP connections
8
Input register start address
0 (0x0000 hex)
Output register start address
2048 (0x0800 hex)
Ethernet/IP
Addressing
acc. to EtherNet/IP specification
Quick Connect (QC)
< 500 ms
Device Level Ring (DLR)
supported
Class 3 connections (TCP)
3
Class 1 connections (CIP)
10
Input Assembly Instance
103
Output Assembly Instance
104
Configuration Assembly Instance
106
■ PROFINET device, EtherNet/IP device or
Modbus TCP slave
■ Integrated Ethernet switch
■ Supports 10 Mbps / 100 Mbps
■ 2x M8, 4-pin, Ethernet fieldbus connec-
tion
■ Glass fiber reinforced housing
■ Shock and vibration tested
■ Fully potted module electronics
■ Protection classes IP65, IP67, IP69K
■ 4-pin M8 male connector for power sup-
ply
■ Galvanically isolated voltage groups
■ ATEX Zone 2/22
■ Input diagnostics per group
■ Max. 2 A per output
■ Output diagnostics per channel
■ One freely selectable digital channel per
port
■ Programmable ARGEE


Similar Part No. - PSGS4M-RJ45S-4413-1M

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
PSGSERIES NPC-PSGSERIES Datasheet
86Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - PSGS4M-RJ45S-4413-1M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5050 ADVANTECH-ADAM-5050_14 Datasheet
257Kb / 1P
16-ch Universal Digital I/O Module
logo
Red Lion Controls. Inc
ET-16DO2 REDLION-ET-16DO2 Datasheet
483Kb / 1P
Ethernet I/O Module ??Discrete Outputs
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
Moxa Inc.
E3200 MOXA-E3200 Datasheet
611Kb / 4P
Ethernet peer-to-peer I/O with 8 digital inputs and 8 digital outputs
logo
WAGO Kontakttechnik Gmb...
706-4769-301-100 WAGO-706-4769-301-100 Datasheet
140Kb / 3P
System cable; for Rockwell Compact Logix; 2 x 16 digital inputs or outputs
23.11.2021
706-4769-301-200 WAGO-706-4769-301-200 Datasheet
140Kb / 3P
System cable; for Rockwell Compact Logix; 2 x 16 digital inputs or outputs
23.11.2021
logo
Schneider Electric
BMXAMM0600 SCHNEIDER-BMXAMM0600 Datasheet
149Kb / 5P
mixed analog I/O module X80 - 4 inputs - 2 outputs
Apr 18, 2022
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com