Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3F75 Datasheet(PDF) 58 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 58 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 54Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 55Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 56Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 57Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 58Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 60Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 61Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
Datasheet
57
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
13.0
Common Flash Interface
The CFI specification outlines device and host system software interrogation handshake
which allows specific vendor-specified software algorithms to be used for entire families
of devices. This allows device independent, JEDEC ID-independent, and forward- and
backward-compatible software support for the specified flash device families. It allows
flash vendors to standardize their existing interfaces for long-term compatibility.
This section defines the data structure or “database” returned by the (CFI) Query
command. System software should parse this structure to gain critical information such
as block size, density, x8/x16, and electrical specifications. Once this information has
been obtained, the software will know which command sets to use to enable flash
writes, block erases, and otherwise control the flash component. The Query is part of
an overall specification for multiple command set and control interface descriptions
called CFI.
13.1
Query Structure Output
The Query “database” allows system software to gain information for controlling the
flash component. This section describes the device’s CFI-compliant interface that allows
the host system to access Query data.
Query data are always presented on the lowest-order data outputs (D[7:0]) only. The
numerical offset value is the address relative to the maximum bus width supported by
the device. On this family of devices, the Query table device starting address is a 10h,
which is a word address for x16 devices.
For a word-wide (x16) device, the first two bytes of the Query structure, “Q” and “R” in
ASCII, appear on the low byte at word addresses 10h and 11h. This CFI-compliant
device outputs 00h data on upper bytes. Thus, the device outputs ASCII “Q” in the low
byte (D[7:0]) and 00h in the high byte (D[15:8]).
At Query addresses containing two or more bytes of information, the least significant
data byte is presented at the lower address, and the most significant data byte is
presented at the higher address.
In all of the following tables, addresses and data are represented in hexadecimal
notation, so the “h” suffix has been dropped. In addition, since the upper byte of word-
wide devices is always “00h,” the leading “00” has been dropped from the table
notation and only the lower byte value is shown. Any x16 device outputs can be
assumed to have 00h on the upper byte in this mode.
Table 35: Summary of Query Structure Output as a Function of Device and Mode
Device
Type/
Mode
Query start location in
maximum device bus
width addresses
Query data with maximum device
bus width addressing
Query data with byte addressing
Hex
Offset
Hex Code
ASCII
Value
Hex
Offset
Hex Code
ASCII
Value
x16 device
10h
10:
0051
“Q”
20:
51
“Q”
x16 mode
11:
0052
“R”
21:
00
“Null”
12:
0059
“Y”
22:
52
“R”
x16 device
20:
51
“Q”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com