Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3F75 Datasheet(PDF) 18 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 18 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 14Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 15Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 16Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 19Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 20Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 21Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Datasheet
17
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
56-Lead TSOP Package
14 mm x 20 mm
Top View
A22
CE1
A21
A19
A18
A17
A16
VCC
A15
A14
A13
A12
CE0
VPEN
RP#
A11
A10
A9
A8
VSS
A7
A6
A5
A4
A3
A2
A20
A1
A24
WE#
OE#
DQ15
DQ7
DQ14
DQ6
VSS
DQ13
DQ5
DQ12
DQ4
VCCQ
VSS
DQ11
DQ3
DQ10
DQ2
VCC
DQ9
DQ1
DQ8
DQ0
A0
BYTE#
A23
STS
CE2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
(3)
(5)
(4)
(2)
(1)
Numonyx
® Embedded Flash Memory J3
4.2
56-Lead TSOP Package Pinout for 32-, 64-,128-Mbit
Notes:
1.
No internal connection for pin 9; it may be driven or floated. For legacy designs, the pin can be tied to VCC.
2.
A0 is the least significant address bit.
3.
A22 is valid for 64-Mbit density and above. On 32-Mbit, it is a no-connect (NC).
4.
A23 is valid for 128-Mbit density. On 32- and 64-Mbit, it is a no-connect (NC).
5.
A24 is a no connect (NC) on 128-, 64-, 32- Mbit, reserved for 256-Mbit.
Figure 6: 56-Lead TSOP Package Pinout (32/64/128 Mbit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com