Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3F75 Datasheet(PDF) 15 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 15 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 11Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 12Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 13Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 14Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 15Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 16Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
14
3.2
64-Ball Easy BGA Package for 32-, 64-, 128-Mbit
Lead Count
N
—
56
—
—
56
—
Lead Tip Angle
θ
0°
3°
5°
0°
3°
5°
Seating Plane Coplanarity
Y
—
—
0.100
—
—
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
1. For legacy lead width, 0.15mm (Typ), 0.10mm (Min), 0.20mm (Max).
Table 1:
56-Lead TSOP Dimension Table
Parameter
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Figure 4: 64-Ball Easy BGA Mechanical Specifications
2
Ball A1
Corner
8
7
6
5
4
3
2
1
1
2
3
4
5
6
7
8
E
A
B
C
D
E
F
G
H
Seating
Plane
S
1
S
e
b
Top View - Plastic Backside
Complete Ink Mark Not Shown
Bottom View - Ball Side Up
Y
A
A1
D
A
B
C
D
E
F
G
H
Ball A1
Corner
A2
Table 2:
Easy BGA Package Dimensions Table (Sheet 1 of 2)
Parameter
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
—
—
1.200
—
—
0.0472
Ball Height
A1
0.250
—
—
0.0098
—
—
Package Body Thickness
A2
—
0.780
—
—
0.0307
—
Ball (Lead) Width
b
0.310
0.410
0.510
0.012
0.016
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com